Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL9115ILZ Datasheet (PDF) - Intersil Corporation

EL9115ILZ Datasheet PDF - Intersil Corporation
Part # EL9115ILZ
Download  EL9115ILZ Download
File Size   446.1 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Triple Analog Video Delay Line

EL9115ILZ Datasheet (PDF)

Go To PDF Page Download Datasheet
EL9115ILZ Datasheet PDF - Intersil Corporation

Part # EL9115ILZ
Download  EL9115ILZ Click to download

File Size   446.1 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Triple Analog Video Delay Line

EL9115ILZ Datasheet (HTML) - Intersil Corporation


EL9115ILZ Product details

The EL9115 is a triple analog delay line that allows skew
compensation between any three signals. This part is perfect
for compensating for the skew introduced by a typical CAT-5
cable with differing electrical lengths on each pair.
The EL9115 can be programmed in steps of 2ns up to 62ns
total delay on each channel.

Features
• 62ns total delay
• 2ns delay step increments
• Operates from ±5V supply
• Up to 122MHz bandwidth
• Low power consumption
• 20 Ld QFN (5mmx5mm) package
• Pb-free (RoHS compliant)

Applications
• Skew control for RGB
• Analog beamforming




Similar Part No. - EL9115ILZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL9115ILZ INTERSIL-EL9115ILZ Datasheet
581Kb / 9P
Triple Analog Video Delay Line
September 8, 2005
EL9115ILZ INTERSIL-EL9115ILZ Datasheet
330Kb / 9P
Triple Analog Video Delay Line
October 12, 2006
EL9115ILZ INTERSIL-EL9115ILZ Datasheet
373Kb / 9P
Triple Analog Video Delay Line
February 8, 2008
EL9115ILZ INTERSIL-EL9115ILZ Datasheet
388Kb / 9P
Triple Analog Video Delay Line
September 22, 2009
logo
Renesas Technology Corp
EL9115ILZ RENESAS-EL9115ILZ Datasheet
651Kb / 10P
Triple Analog Video Delay Line
More results


Similar Description - EL9115ILZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL9115 INTERSIL-EL9115 Datasheet
581Kb / 9P
Triple Analog Video Delay Line
September 8, 2005
EL9115 INTERSIL-EL9115_06 Datasheet
330Kb / 9P
Triple Analog Video Delay Line
October 12, 2006
EL9115 INTERSIL-EL9115_08 Datasheet
373Kb / 9P
Triple Analog Video Delay Line
February 8, 2008
ISL59920 INTERSIL-ISL59920_09 Datasheet
724Kb / 15P
Triple Analog Video Delay Lines
May 28, 2009
logo
Analog Devices
AD8120 AD-AD8120 Datasheet
455Kb / 16P
Triple Skew-Compensating Video Delay Line with Analog and Digital Control
REV. 0
logo
Intersil Corporation
ISL59920 INTERSIL-ISL59920 Datasheet
815Kb / 16P
Triple Analog Video Delay Lines
August 31, 2010
EL9115 INTERSIL-EL9115_09 Datasheet
388Kb / 9P
Triple Analog Video Delay Line
September 22, 2009
ISL59920IRZ INTERSIL-ISL59920IRZ Datasheet
795Kb / 18P
Triple Analog Video Delay Lines
August 27, 2015
logo
Renesas Technology Corp
EL9115 RENESAS-EL9115 Datasheet
651Kb / 10P
Triple Analog Video Delay Line
ISL59920 RENESAS-ISL59920 Datasheet
1Mb / 18P
Triple Analog Video Delay Lines
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com