Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8120 Datasheet (PDF) - Analog Devices

AD8120 Datasheet PDF - Analog Devices
Part # AD8120
Download  AD8120 Download
File Size   455.27 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Triple Skew-Compensating Video Delay Line with Analog and Digital Control

AD8120 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8120 Datasheet PDF - Analog Devices

Part # AD8120
Download  AD8120 Click to download

File Size   455.27 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Triple Skew-Compensating Video Delay Line with Analog and Digital Control

AD8120 Datasheet (HTML) - Analog Devices


AD8120 Product details

GENERAL DESCRIPTION
The AD8120 is a triple broadband skew-compensating delay line that corrects for time mismatch between video signals incurred by transmission in unshielded twisted pairs of Category 5 and Category 6 type cables. Skew between the individual pairs exists in most types of multipair UTP cables due to the different twist rates that are used for each pair to minimize crosstalk between pairs. For this reason, some pairs are longer than others, and in long cables, the difference in propagation time between two pairs can be well into the tens of nanoseconds.

FEATURES
   Corrects for unshielded twisted pair (UTP) cable skew
   Delay of up to 50 ns per channel
   High speed
      200 MHz BW @ VOUT = 1.4 V p-p and 0 ns delay
      150 MHz BW @ VOUT = 1.4 V p-p and 50 ns delay
   Excellent channel-to-channel matching
      30 mV offset matching RTI
      0.8% gain matching
   Low output offset
      ±30 mV RTI
      No external circuitry required to correct for offsets
   Independent red, green, and blue delay controls
   Drives 4 double-terminated video loads
   Digital and analog delay control
      6-bit SPI bus
      I2C bus
      Analog voltage control
   Fixed gain of 2
   Low noise
   High differential input impedance: 500 kΩ
   32-lead, 5 mm × 5 mm LFCSP

APPLICATIONS
   Keyboard-video-mouse (KVM)
   Digital signage
   RGB video over UTP cable
   Professional video projection and distribution
   HD video
   Security video
   General broadband delay lines




Similar Part No. - AD8120

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD812 AD-AD812 Datasheet
372Kb / 16P
Dual, Current Feedback Low Power Op Amp
REV.B
AD812 AD-AD812 Datasheet
358Kb / 16P
Dual, Current Feedback Low Power Op Amp
REV. B
AD812 AD-AD812 Datasheet
358Kb / 16P
Dual, Current Feedback Low Power Op Amp
REV. B
AD8122 AD-AD8122 Datasheet
402Kb / 13P
Triple Differential Receiver
Rev. PrC
AD8123 AD-AD8123 Datasheet
734Kb / 16P
Triple Differential Receiver with Adjustable Line Equalization
8/07-Revision 0
More results


Similar Description - AD8120

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL9115 INTERSIL-EL9115 Datasheet
581Kb / 9P
Triple Analog Video Delay Line
September 8, 2005
EL9115 INTERSIL-EL9115_06 Datasheet
330Kb / 9P
Triple Analog Video Delay Line
October 12, 2006
EL9115 INTERSIL-EL9115_08 Datasheet
373Kb / 9P
Triple Analog Video Delay Line
February 8, 2008
ISL59920 INTERSIL-ISL59920_09 Datasheet
724Kb / 15P
Triple Analog Video Delay Lines
May 28, 2009
ISL59920 INTERSIL-ISL59920 Datasheet
815Kb / 16P
Triple Analog Video Delay Lines
August 31, 2010
EL9115 INTERSIL-EL9115_09 Datasheet
388Kb / 9P
Triple Analog Video Delay Line
September 22, 2009
EL9115ILZ INTERSIL-EL9115ILZ Datasheet
446Kb / 10P
Triple Analog Video Delay Line
January 12, 2012
ISL59920IRZ INTERSIL-ISL59920IRZ Datasheet
795Kb / 18P
Triple Analog Video Delay Lines
August 27, 2015
logo
Renesas Technology Corp
EL9115 RENESAS-EL9115 Datasheet
651Kb / 10P
Triple Analog Video Delay Line
ISL59920 RENESAS-ISL59920 Datasheet
1Mb / 18P
Triple Analog Video Delay Lines
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com