Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8123 Datasheet (PDF) - Analog Devices

AD8123 Datasheet PDF - Analog Devices
Part # AD8123
Download  AD8123 Download
File Size   734.98 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Triple Differential Receiver with Adjustable Line Equalization

AD8123 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8123 Datasheet PDF - Analog Devices

Part # AD8123
Download  AD8123 Click to download

File Size   734.98 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Triple Differential Receiver with Adjustable Line Equalization

AD8123 Datasheet (HTML) - Analog Devices


AD8123 Product details

GENERAL DESCRIPTION
The AD8123 is a triple, high speed, differential receiver and equalizer that compensates for the transmission losses of UTP and coaxial cables up to 300 meters in length. Various gain stages are summed together to best approximate the inverse frequency response of the cable. Logic circuitry inside the AD8123 controls the gain functions of the individual stages so that the lowest noise can be achieved at short-to-medium cable lengths. This technique optimizes its performance for low noise, short-to-medium range applications, while at the same time provides the high gain bandwidth required for long cable equalization (up to 300 meters). Each channel features a high impedance differential input that is ideal for interfacing directly with the cable.

FEATURES
   Compensates cables to 300 meters for wideband video
   Fast rise and fall times
      4.9 ns with 2 V step at 150 meters of UTP cable
      8.0 ns with 2 V step at 300 meters of UTP cable
   55 dB peak gain at 100 MHz
   Two frequency response gain adjustment pins
      High frequency peaking adjustment (VPEAK)
      Broadband flat gain adjustment (VGAIN)
   Pole location adjustment pin (VPOLE)
      Compensates for variations between cables
      Can be optimized for either UTP or coaxial cable
   DC output offset adjust (VOFFSET)
   Low output offset voltage: 24 mV
   Compensates both RGB and YPbPr
   Two on-chip comparators with hysteresis
      Can be used for common-mode sync extraction
   Available in 40-lead, 6 mm × 6 mm LFCSP

APPLICATIONS
   Keyboard-video-mouse (KVM)
   Digital signage
   RGB video over UTP cables
   Professional video projection and distribution
   HD video
   Security video




Similar Part No. - AD8123

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8123 AD-AD8123 Datasheet
734Kb / 16P
Triple Differential Receiver with Adjustable Line Equalization
REV. A
AD8123 AD-AD8123 Datasheet
748Kb / 16P
Triple Differential Receiver with Adjustable Line Equalization
1/16- Rev. A to Rev. B
AD8123ACPZ AD-AD8123ACPZ Datasheet
734Kb / 16P
Triple Differential Receiver with Adjustable Line Equalization
REV. A
AD8123ACPZ AD-AD8123ACPZ Datasheet
748Kb / 16P
Triple Differential Receiver with Adjustable Line Equalization
1/16- Rev. A to Rev. B
AD8123ACPZ-R7 AD-AD8123ACPZ-R7 Datasheet
748Kb / 16P
Triple Differential Receiver with Adjustable Line Equalization
1/16- Rev. A to Rev. B
More results


Similar Description - AD8123

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
10116 PHILIPS-10116 Datasheet
258Kb / 5P
Triple Differential Line Receiver
June 14 1990
logo
Analog Devices
AD8128 AD-AD8128 Datasheet
311Kb / 12P
CAT-5 Receiver with Adjustable Line Equalization
10/05-Revision 0
logo
Micrel Semiconductor
SY56016R MICREL-SY56016R Datasheet
755Kb / 11P
Low Voltage 1.2V/1.8V/2.5V CML Differential Line Driver/Receiver 6.4Gbps with Equalization
logo
Analog Devices
AD8124 AD-AD8124 Datasheet
324Kb / 16P
Triple Differential Receiver with 200 Meter Adjustable Cable Equalization
REV. 0
AD8122 AD-AD8122 Datasheet
402Kb / 13P
Triple Differential Receiver
Rev. PrC
AD8123ACPZ AD-AD8123ACPZ Datasheet
734Kb / 16P
Triple Differential Receiver with Adjustable Line Equalization
REV. A
AD8128 AD-AD8128_15 Datasheet
312Kb / 12P
CAT-5 Receiver with Adjustable Line Equalization
REV. 0
AD8123 AD-AD8123_16 Datasheet
748Kb / 16P
Triple Differential Receiver with Adjustable Line Equalization
1/16- Rev. A to Rev. B
AD8124 AD-AD8124_15 Datasheet
1Mb / 15P
Triple Differential Receiver with 200 Meter Adjustable Cable Equalization
12/15-Rev. 0 to Rev. A
AD8128 AD-AD8128_16 Datasheet
383Kb / 12P
CAT-5 Receiver with Adjustable Line Equalization
6/2016-Rev. 0 to Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com