Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8128 Datasheet (PDF) - Analog Devices

AD8128 Datasheet PDF - Analog Devices
Part # AD8128
Download  AD8128 Download
File Size   311.93 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CAT-5 Receiver with Adjustable Line Equalization

AD8128 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8128 Datasheet PDF - Analog Devices

Part # AD8128
Download  AD8128 Click to download

File Size   311.93 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CAT-5 Receiver with Adjustable Line Equalization

AD8128 Datasheet (HTML) - Analog Devices


AD8128 Product details

GENERAL DESCRIPTION
The AD8128 is a high speed, differential receiver/equalizer that compensates for the transmission losses of unshielded twisted pair (UTP) CAT-5 cables. Various frequency dependent gain stages are summed together to best approximate the inverse frequency response of CAT-5/CAT-5e cable. An equalized bandwidth of 120 MHz can be achieved for 100 meters of cable.
The AD8128 can be used as a standalone receiver/equalizer or in conjunction with the AD8143, triple differential receiver, to provide a complete low cost solution for receiving RGB over UTP cable in such applications as KVM.
The AD8128 has three control pins for optimal CAT-5/CAT-5e compensation. The equalized cable length is directly proportional to the voltage applied to the VPEAKpin, which controls the amount of high frequency peaking. VGAIN adjusts the broadband gain from 0 dB to 3 dB, compensating for the resistive cable loss. VOFFSET allows the output to be shifted by ±2.5 V, adding flexibility for dc-coupled systems.

FEATURES
   Tuned to compensate for Category-5 (CAT-5) cable losses
      Up to 100 meters at 120 MHz
   2 voltage controlled frequency response adjustment pins
      High frequency peaking adjustment
      Broadband gain adjustment
   2700 V/μs slew rate
   Low output noise
      1.5 mV rms integrated noise (1 GHz) at 100 meters
         equalized bandwidth
   DC output offset adjust
      Low offset voltage error: 7 mV typ
   Equalized pass-band ripple ±1 dB to 70 MHz
   Input: differential or single ended
   Supply current: 24 mA on ±5 V
   Small 8-lead 3 mm × 3 mm LFCSP

APPLICATIONS
   Keyboard-video-mouse (KVM)
   RGB video over unshielded twisted pair (UTP) cable receivers
   Professional video projection and distribution
   Security video




Similar Part No. - AD8128

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8128 AD-AD8128 Datasheet
383Kb / 12P
CAT-5 Receiver with Adjustable Line Equalization
6/2016-Rev. 0 to Rev. A
AD8128ACPZ-R2 AD-AD8128ACPZ-R2 Datasheet
383Kb / 12P
CAT-5 Receiver with Adjustable Line Equalization
6/2016-Rev. 0 to Rev. A
AD8128ACPZ-R7 AD-AD8128ACPZ-R7 Datasheet
383Kb / 12P
CAT-5 Receiver with Adjustable Line Equalization
6/2016-Rev. 0 to Rev. A
AD8128ACPZ-RL AD-AD8128ACPZ-RL Datasheet
383Kb / 12P
CAT-5 Receiver with Adjustable Line Equalization
6/2016-Rev. 0 to Rev. A
AD8128 AD-AD8128_15 Datasheet
312Kb / 12P
CAT-5 Receiver with Adjustable Line Equalization
REV. 0
More results


Similar Description - AD8128

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8123 AD-AD8123 Datasheet
734Kb / 16P
Triple Differential Receiver with Adjustable Line Equalization
8/07-Revision 0
AD8124 AD-AD8124 Datasheet
324Kb / 16P
Triple Differential Receiver with 200 Meter Adjustable Cable Equalization
REV. 0
AD8123ACPZ AD-AD8123ACPZ Datasheet
734Kb / 16P
Triple Differential Receiver with Adjustable Line Equalization
REV. A
AD8128 AD-AD8128_15 Datasheet
312Kb / 12P
CAT-5 Receiver with Adjustable Line Equalization
REV. 0
logo
Level One
ADE-8011 LVL1-ADE-8011 Datasheet
207Kb / 2P
Cat.5 Audio Transmitter/Receiver
HVE-9111 LVL1-HVE-9111 Datasheet
388Kb / 2P
HDMI over Cat.5 Receiver, 300m
logo
Analog Devices
AD8123 AD-AD8123_16 Datasheet
748Kb / 16P
Triple Differential Receiver with Adjustable Line Equalization
1/16- Rev. A to Rev. B
AD8124 AD-AD8124_15 Datasheet
1Mb / 15P
Triple Differential Receiver with 200 Meter Adjustable Cable Equalization
12/15-Rev. 0 to Rev. A
AD8128 AD-AD8128_16 Datasheet
383Kb / 12P
CAT-5 Receiver with Adjustable Line Equalization
6/2016-Rev. 0 to Rev. A
logo
IOGEAR
GH8201ER IOGEAR-GH8201ER Datasheet
136Kb / 2P
Cat 5e / Cat 6 Receiver with HDMI connector
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com