Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8124 Datasheet (PDF) - Analog Devices

AD8124 Datasheet PDF - Analog Devices
Part # AD8124
Download  AD8124 Download
File Size   324.01 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Triple Differential Receiver with 200 Meter Adjustable Cable Equalization

AD8124 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8124 Datasheet PDF - Analog Devices

Part # AD8124
Download  AD8124 Click to download

File Size   324.01 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Triple Differential Receiver with 200 Meter Adjustable Cable Equalization

AD8124 Datasheet (HTML) - Analog Devices


AD8124 Product details

GENERAL DESCRIPTION
The AD8124 is a triple, high speed, differential receiver and equalizer that compensates for the transmission losses of UTP and coaxial cables up to 200 meters in length. Various gain stages are summed together to best approximate the inverse frequency response of the cable. Logic circuitry inside the AD8124 controls the gain functions of the individual stages so that the lowest noise can be achieved at short-to-medium cable lengths. This technique optimizes its performance for low noise, short-to-medium range applications, while at the same time provides the high gain bandwidth required for longer cable equalization (up to 200 meters). Each channel features a high impedance differential input that is ideal for interfacing directly with the cable.

FEATURES
   Compensates cables to 200 meters for wideband video
      All resolutions through UXGA
   Fast rise and fall times
      8 ns with 2 V step at 200 meters of UTP cable
   37 dB peak gain at 100 MHz
   Two frequency response gain adjustment pins
      High frequency peaking adjustment (VPEAK)
      Broadband flat gain adjustment (VGAIN)
   Pole location adjustment pin (VPOLE)
      Compensates for variations between cables
      Can be optimized for either UTP or coaxial cable
   DC output offset adjust (VOFFSET)
   Low output offset voltage: 24 mV
   Compensates both RGB and YPbPr
   Two on-chip comparators with hysteresis
      Can be used for common-mode sync extraction
   Available in 40-lead, 6 mm × 6 mm LFCSP
  
APPLICATIONS
   Keyboard-video-mouse (KVM)
   Digital signage
   RGB video over UTP cables
   Professional video projection and distribution
   HD video
   Security video




Similar Part No. - AD8124

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8124 AD-AD8124 Datasheet
1Mb / 15P
Triple Differential Receiver with 200 Meter Adjustable Cable Equalization
12/15-Rev. 0 to Rev. A
AD8124ACPZ AD-AD8124ACPZ Datasheet
1Mb / 15P
Triple Differential Receiver with 200 Meter Adjustable Cable Equalization
12/15-Rev. 0 to Rev. A
AD8124ACPZ-R7 AD-AD8124ACPZ-R7 Datasheet
1Mb / 15P
Triple Differential Receiver with 200 Meter Adjustable Cable Equalization
12/15-Rev. 0 to Rev. A
AD8124ACPZ-RL AD-AD8124ACPZ-RL Datasheet
1Mb / 15P
Triple Differential Receiver with 200 Meter Adjustable Cable Equalization
12/15-Rev. 0 to Rev. A
AD8124 AD-AD8124_15 Datasheet
1Mb / 15P
Triple Differential Receiver with 200 Meter Adjustable Cable Equalization
12/15-Rev. 0 to Rev. A
More results


Similar Description - AD8124

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
10116 PHILIPS-10116 Datasheet
258Kb / 5P
Triple Differential Line Receiver
June 14 1990
logo
Analog Devices
AD8128 AD-AD8128 Datasheet
311Kb / 12P
CAT-5 Receiver with Adjustable Line Equalization
10/05-Revision 0
AD8123 AD-AD8123 Datasheet
734Kb / 16P
Triple Differential Receiver with Adjustable Line Equalization
8/07-Revision 0
AD8122 AD-AD8122 Datasheet
402Kb / 13P
Triple Differential Receiver
Rev. PrC
AD8123ACPZ AD-AD8123ACPZ Datasheet
734Kb / 16P
Triple Differential Receiver with Adjustable Line Equalization
REV. A
AD8128 AD-AD8128_15 Datasheet
312Kb / 12P
CAT-5 Receiver with Adjustable Line Equalization
REV. 0
logo
Intersil Corporation
ISL59910IRZ INTERSIL-ISL59910IRZ Datasheet
485Kb / 12P
Triple Differential Receiver/Equalizer
December 15, 2006
logo
Analog Devices
AD8123 AD-AD8123_16 Datasheet
748Kb / 16P
Triple Differential Receiver with Adjustable Line Equalization
1/16- Rev. A to Rev. B
AD8124 AD-AD8124_15 Datasheet
1Mb / 15P
Triple Differential Receiver with 200 Meter Adjustable Cable Equalization
12/15-Rev. 0 to Rev. A
AD8128 AD-AD8128_16 Datasheet
383Kb / 12P
CAT-5 Receiver with Adjustable Line Equalization
6/2016-Rev. 0 to Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com