Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA456CM Datasheet (PDF) - Intersil Corporation

HA456CM Datasheet PDF - Intersil Corporation
Part # HA456CM
Download  HA456CM Download
File Size   294.17 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 120MHz, Low Power, 8x8 Video Crosspoint Switch

HA456CM Datasheet (PDF)

Go To PDF Page Download Datasheet
HA456CM Datasheet PDF - Intersil Corporation

Part # HA456CM
Download  HA456CM Click to download

File Size   294.17 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 120MHz, Low Power, 8x8 Video Crosspoint Switch

HA456CM Datasheet (HTML) - Intersil Corporation


HA456CM Product details

The HA456 is the first 8x8 video crosspoint switch suitable
for high performance video systems. Its high level of
integration significantly reduces component count, board
space, and cost. The crosspoint switch contains a digitally
controlled matrix of 64 fully buffered switches that connect 8
video input signals to any, or all, matrix outputs. Each matrix
output connects to an internal, high-speed (200V/µs), unity
gain buffer capable of driving 400Ω and 5pF to ±2V.
For applications requiring gain or increased drive capability,
the HA456 outputs can be connected directly to two
HFA1412 quad, gain of two video buffers, which are capable
of driving 75Ω loads.
This crosspoint’s true high impedance three-state output
capability, makes it feasible to parallel multiple HA456s and
form larger switch matrices.

Features
• Fully Buffered Inputs and Outputs (AV = +1)
• Routes Any Input Channel to Any Output Channel
• Switches Standard and High Resolution Video Signals
• Serial or Parallel Digital Interface
• Expandable for Larger Switch Matrices
• Wide Bandwidth . . . . . . . . . . . . . . . . . . . . . . . . . . 120MHz
• High Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . 200V/µs
• Differential Gain and Phase . . . . . . . . . . . . . .0.05%, 0.05°
• Low Crosstalk at 10MHz . . . . . . . . . . . . . . . . . . . . . -55dB
• Pb-Free Available (RoHS Compliant)

Applications
• Professional Video Switching and Routing
• Security and Video Editing Systems




Similar Part No. - HA456CM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA456CM INTERSIL-HA456CM Datasheet
251Kb / 13P
120MHz, Low Power, 8x8 Video Crosspoint Switch
August 14, 2006
HA456CM INTERSIL-HA456CM Datasheet
297Kb / 13P
120MHz, Low Power, 8x8 Video
September 26, 2008
logo
Renesas Technology Corp
HA456CM RENESAS-HA456CM Datasheet
625Kb / 13P
120MHz, Low Power, 8x8 Video Crosspoint Switch
logo
Intersil Corporation
HA456CMZ INTERSIL-HA456CMZ Datasheet
251Kb / 13P
120MHz, Low Power, 8x8 Video Crosspoint Switch
August 14, 2006
HA456CMZ INTERSIL-HA456CMZ Datasheet
297Kb / 13P
120MHz, Low Power, 8x8 Video
September 26, 2008
More results


Similar Description - HA456CM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4359 MAXIM-MAX4359 Datasheet
249Kb / 16P
Low-Cost 4x4, 8x4, 8x8 Video Crosspoint Switches
Rev 1; 12/99
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
Video Crosspoint Switch Video Crosspoint Switch
AD8175 AD-AD8175 Datasheet
838Kb / 40P
Video Crosspoint Switch
5/07-Revision 0
logo
Intersil Corporation
HA456 INTERSIL-HA456_06 Datasheet
251Kb / 13P
120MHz, Low Power, 8x8 Video Crosspoint Switch
August 14, 2006
HA456 INTERSIL-HA456 Datasheet
297Kb / 13P
120MHz, Low Power, 8x8 Video
September 26, 2008
logo
Analog Devices
AD8176 AD-AD8176_15 Datasheet
877Kb / 40P
Video Crosspoint Switch
REV. 0
logo
Renesas Technology Corp
HA456 RENESAS-HA456 Datasheet
625Kb / 13P
120MHz, Low Power, 8x8 Video Crosspoint Switch
logo
Analog Devices
AD8108 AD-AD8108_16 Datasheet
469Kb / 27P
8x8 Buffered Video Crosspoint Switches
5/2016-Rev. B to Rev. C
AD8178 AD-AD8178_16 Datasheet
770Kb / 37P
Video Crosspoint Switch
5/16-Rev. 0 to Rev. A
logo
Maxim Integrated Produc...
MAX4359 MAXIM-MAX4359_V01 Datasheet
444Kb / 17P
Low-Cost 4x4, 8x4, 8x8 Video Crosspoint Switches
2007
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com