Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5201 Datasheet (PDF) - Micrel Semiconductor

MIC5201 Datasheet PDF - Micrel Semiconductor
Part # MIC5201
Download  MIC5201 Download
File Size   132.99 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 200mA Low-Dropout Voltage Regulator

MIC5201 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5201 Datasheet PDF - Micrel Semiconductor

Part # MIC5201
Download  MIC5201 Click to download

File Size   132.99 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 200mA Low-Dropout Voltage Regulator

MIC5201 Datasheet (HTML) - Micrel Semiconductor


MIC5201 Product details

General Description
The MIC5201 is an efficient linear voltage regulator with very low dropout voltage (typically 17mV at light loads and 200mV at 100mA), and very low ground current (1mA at 100mA output), offering better than 1% initial accuracy with a logic compatible on-off switching input.

Features
• High output voltage accuracy
• Variety of output voltages
• Guaranteed 200mA output
• Low quiescent current
• Low dropout voltage
• Extremely tight load and line regulation
• Very low temperature coefficient
• Current and thermal limiting
• Reversed-battery protection
• Load-dump protection (fixed voltage versions)
• Zero off-mode current
• Logic-controlled electronic enable
• Available in SO-8 and SOT-223 packages

Applications
• Cellular telephones
• Laptop, notebook, and palmtop computers
• Battery powered equipment
• PCMCIA VCC and VPP regulation/switching
• Bar code scanners
• SMPS post-regulator/ dc-to-dc modules
• High-efficiency linear power supplies




Similar Part No. - MIC5201

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC5201 MICROCHIP-MIC5201 Datasheet
1Mb / 22P
150 mA Low Dropout Regulator
09/14/21
logo
Micrel Semiconductor
MIC5201-3.0BM MICREL-MIC5201-3.0BM Datasheet
1,009Kb / 9P
200mA Low-Dropout Regulator
MIC5201-3.0BM MICREL-MIC5201-3.0BM Datasheet
1,009Kb / 9P
200mA Low-Dropout Regulator
MIC5201-3.0BS MICREL-MIC5201-3.0BS Datasheet
1,009Kb / 9P
200mA Low-Dropout Regulator
MIC5201-3.0BS MICREL-MIC5201-3.0BS Datasheet
1,009Kb / 9P
200mA Low-Dropout Regulator
More results


Similar Description - MIC5201

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR132 UTC-UR132_05 Datasheet
111Kb / 4P
200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC5201 MICREL-MIC5201_05 Datasheet
1,009Kb / 9P
200mA Low-Dropout Regulator
logo
Unisonic Technologies
M2950 UTC-M2950_11 Datasheet
265Kb / 8P
200mA LOW-DROPOUT VOLTAGE REGULATOR
UR132 UTC-UR132_11 Datasheet
192Kb / 4P
200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC5201-3.0YM MICREL-MIC5201-3.0YM Datasheet
1,009Kb / 9P
200mA Low-Dropout Regulator
logo
Texas Instruments
LP5990 TI1-LP5990_14 Datasheet
926Kb / 18P
Micropower 200mA CMOS Low Dropout Voltage Regulator
logo
E-Tech Electronics LTD
UR132 ETL-UR132 Datasheet
176Kb / 5P
200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Texas Instruments
UCC386 TI1-UCC386_08 Datasheet
145Kb / 9P
LOW-DROPOUT 200mA LINEAR REGULATOR
logo
Unisonic Technologies
M2950 UTC-M2950_15 Datasheet
316Kb / 8P
200mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Fitipower Integrated Te...
FP6161 FITIPOWER-FP6161 Datasheet
556Kb / 12P
Low Input Voltage, Low-Dropout 200mA Linear Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com