Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5201 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5201
Description  200mA Low-Dropout Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5201 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5201 Datasheet HTML 1Page - Micrel Semiconductor MIC5201 Datasheet HTML 2Page - Micrel Semiconductor MIC5201 Datasheet HTML 3Page - Micrel Semiconductor MIC5201 Datasheet HTML 4Page - Micrel Semiconductor MIC5201 Datasheet HTML 5Page - Micrel Semiconductor MIC5201 Datasheet HTML 6Page - Micrel Semiconductor MIC5201 Datasheet HTML 7Page - Micrel Semiconductor MIC5201 Datasheet HTML 8Page - Micrel Semiconductor MIC5201 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MIC5201
Micrel
MIC5201
2
July 1998
Pin Configuration
IN
OUT
GND
13
2
TAB
GND
MIC5201-x.xBS
SOT-223
Fixed
1
2
3
4
8
7
6
5
IN
NC
NC
EN
OUT
NC
GND
NC
MIC5201-x.xBM
8-Lead SOIC
Fixed
1
2
3
4
8
7
6
5
IN
NC
NC
EN
OUT
ADJ
GND
NC
MIC5201BM
8-Lead SOIC
Adjustable
Pin Description
Pin No.
Pin No.
Pin No.
Pin Name
Pin Function
SOT-223
SO-8 Adj. SO-8 Fixed
3
1
1
OUT
Regulated Output
2
ADJ
Feedback Input: (Adjustable version only)
4, 6, 7
2, 4, 6, 7
NC
not internally connected: Connect to ground plane for lowest thermal
resistance.
2
3
3
GND
Ground
5
5
EN
Enable (Input): TTL compatible input. High = enable.
Low or open = off/disable.
188
V
IN
Unregulated Supply Input
Absolute Maximum Ratings
Supply Input Voltage (V
IN) Fixed .................. –20V to +60V
Supply Input Voltage (V
IN) Adjustable .......... –20V to +20V
Enable Input Voltage (V
EN) Fixed ................. –20V to +60V
Enable Input Voltage (V
EN) Adjustable ......... –20V to +20V
Power Dissipation (P
D) ............................ Internally Limited
Junction Temperature (T
J) ....................... –40°C to +125°C
Lead Temperature (soldering, 5 sec.) ....................... 260
°C
Operating Ratings
Supply Input Voltage (V
IN) Fixed ................... 2.5V to +26V
Supply Input Voltage (V
IN) Adjustable ........... 2.5V to +16V
Enable Input Voltage (V
EN) .................................. 0V to VIN
Junction Temperature (T
J) ....................... –40°C to +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com