Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL22102 Datasheet (PDF) - Intersil Corporation

ISL22102 Datasheet PDF - Intersil Corporation
Part # ISL22102
Download  ISL22102 Download
File Size   270.49 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 32 Tap, Push-button, Dual Audio Logarithmic Potentiometer with Buffer Amplifiers and Audio Detection

ISL22102 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL22102 Datasheet PDF - Intersil Corporation

Part # ISL22102
Download  ISL22102 Click to download

File Size   270.49 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 32 Tap, Push-button, Dual Audio Logarithmic Potentiometer with Buffer Amplifiers and Audio Detection

ISL22102 Datasheet (HTML) - Intersil Corporation


ISL22102 Product details

The ISL22102 integrates two digitally controlled
potentiometers (DCP) with buffered wiper outputs and an
internal bias voltage generator (VB) on a monolithic CMOS
integrated circuit. The wiper position is adjusted by the user
through simple Up and Down push buttons, ideal for stereo
volume control in audio applications.
Each potentiometer is implemented using 31 polysilicon
resistors in a logarithmic array. Between each of the
resistors are tap points connected to the wiper terminal
through switches. When powered up, the wipers are reset to
the -20dB position.
In addition to the ISL22102’s low noise design, the ISL22102
also contains a zero-crossing detection circuitry to further
minimize click and pop noise during volume transition.
The internal VB generator of the ISL22102 provides a
precision middle scale voltage reference that reduces
external circuitry and simplifies application design.
The ISL22102 implements two power saving techniques for
power critical applications. It is a Standby Mode that can be
enabled to reduce the power consumption of the part when
DCP is not in use. The part also has Audio Detection
circuitry that provides an indication FLAG to external devices
and services. The FLAG can be delayed through D0, D1 and
D2 pin configuration. By connecting the FLAG to the standby
pin (SB), it will automatically put the part into Standby Mode.

Features
• Dual Audio Control – Two 32 Taps Log Pots
• Buffered Wiper Outputs
• Audio Detection with Threshold Input and Controlled
Delay
• Zero Amplitude Wiper Switching (ZAWS)
• Simple Push-button Interface
• Auto Increment/decrement After 1s Button Press
• Standby Mode
• Mute Function
• Total Resistance: 18.5k each DCP (Typical)
• Voltage Operation
- VCC = 2.7V to 5.5V
- AVCC = 2.7V to 5.5V
• Temp Range = -40°C to +85°C
• Package Options
- 20 Ld TSSOP
- 20 Ld QFN
• Pb-Free (RoHS Compliant)

Applications
• Set Top Boxes
• Stereo Amplifiers
• DVD Players
• Portable Audio Products




Similar Part No. - ISL22102

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22102 INTERSIL-ISL22102 Datasheet
197Kb / 11P
32 Tap, Push-button, Dual Audio Logarithmic Potentiometer with Buffer Amplifiers and Audio Detection
January 14, 2010
ISL22102 INTERSIL-ISL22102 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
ISL22102 RENESAS-ISL22102 Datasheet
550Kb / 12P
32 Tap, Push-Button, Dual Audio Logarithmic Potentiometer with Buffer Amplifiers and Audio Detection
logo
Intersil Corporation
ISL22102IR20Z INTERSIL-ISL22102IR20Z Datasheet
197Kb / 11P
32 Tap, Push-button, Dual Audio Logarithmic Potentiometer with Buffer Amplifiers and Audio Detection
January 14, 2010
logo
Renesas Technology Corp
ISL22102IR20Z RENESAS-ISL22102IR20Z Datasheet
550Kb / 12P
32 Tap, Push-Button, Dual Audio Logarithmic Potentiometer with Buffer Amplifiers and Audio Detection
More results


Similar Description - ISL22102

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1801 DALLAS-DS1801 Datasheet
229Kb / 10P
Dual Audio Taper Potentiometer
logo
Maxim Integrated Produc...
MAX5407 MAXIM-MAX5407 Datasheet
153Kb / 7P
32-Tap Audio Logarithmic Taper Digital Potentiometer
Rev 0; 10/01
logo
Intersil Corporation
ISL22511 INTERSIL-ISL22511 Datasheet
423Kb / 13P
Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer Single Push Button Controlled Potentiometer XDCP
July 16, 2009
ISL22102 INTERSIL-ISL22102 Datasheet
197Kb / 11P
32 Tap, Push-button, Dual Audio Logarithmic Potentiometer with Buffer Amplifiers and Audio Detection
January 14, 2010
logo
NXP Semiconductors
NCX8193 PHILIPS-NCX8193_15 Datasheet
281Kb / 21P
Audio jack detection and configuration with false detection prevention
Rev. 2-21 November 2014
logo
Copal Electronics
DP7112 COPAL-DP7112 Datasheet
145Kb / 10P
32-Tap Digital Potentiometer
DP7114 COPAL-DP7114 Datasheet
189Kb / 14P
32-Tap Digital Potentiometer
DP7115 COPAL-DP7115 Datasheet
178Kb / 12P
32-Tap Digital Potentiometer
logo
Renesas Technology Corp
ISL22102 RENESAS-ISL22102 Datasheet
550Kb / 12P
32 Tap, Push-Button, Dual Audio Logarithmic Potentiometer with Buffer Amplifiers and Audio Detection
logo
Maxim Integrated Produc...
DS1801 MAXIM-DS1801 Datasheet
234Kb / 10P
Dual Audio Taper Potentiometer
030300
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com