Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5821 Datasheet (PDF) - Micrel Semiconductor

MIC5821 Datasheet PDF - Micrel Semiconductor
Part # MIC5821
Download  MIC5821 Download
File Size   79.96 Kbytes
Page   5 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 8-Bit Serial-Input Latched Drivers

MIC5821 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5821 Datasheet PDF - Micrel Semiconductor

Part # MIC5821
Download  MIC5821 Click to download

File Size   79.96 Kbytes
Page   5 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 8-Bit Serial-Input Latched Drivers

MIC5821 Datasheet (HTML) - Micrel Semiconductor


MIC5821 Product details

General Description

BiCMOS technology gives the MIC5821/5822 family flexibility beyond the reach of standard logic buffers and power driver arrays. These devices each have an eight-bit CMOS shift register, CMOS control circuitry, eight CMOS data latches, and eight bipolar current-sink Darlington output drivers. The 500mA outputs are suitable for use with incandescent bulbs and other moderate to high current loads. The drivers can be operated with a split supply where the negative supply is down to –20V. Except for maximum driver output voltage ratings, the MIC5821 and MIC5822 are identical.



Features

• 3.3 MHz Minimum Data-Input Rate

• CMOS, PMOS, NMOS, TTL Compatible

• Internal Pull-Down or Pull-Up Resistors

• Low-Power CMOS Logic and Latches

• High-Voltage Current-Sink Outputs

• Single or Split Supply Operation




Similar Part No. - MIC5821

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5821 MICREL-MIC5821 Datasheet
84Kb / 8P
8-Bit Serial-Input Latched Drivers
MIC5821BN MICREL-MIC5821BN Datasheet
84Kb / 8P
8-Bit Serial-Input Latched Drivers
MIC5821YN MICREL-MIC5821YN Datasheet
84Kb / 8P
8-Bit Serial-Input Latched Drivers
MIC5821 MICREL-MIC5821_05 Datasheet
84Kb / 8P
8-Bit Serial-Input Latched Drivers
More results


Similar Description - MIC5821

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
5821AND ALLEGRO-5821AND Datasheet
143Kb / 8P
BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
5841 ALLEGRO-5841 Datasheet
174Kb / 8P
BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
5890 ALLEGRO-5890 Datasheet
150Kb / 8P
BIMOS II 8-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
5895 ALLEGRO-5895 Datasheet
93Kb / 8P
BiMOS II 8-BIT SERIAL INPUT, LATCHED SOURCE DRIVERS
logo
Micrel Semiconductor
MIC5841 MICREL-MIC5841 Datasheet
162Kb / 7P
8-Bit Serial-Input Latched Drivers
logo
Allegro MicroSystems
5821 ALLEGRO-5821 Datasheet
105Kb / 7P
BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
A5821 ALLEGRO-A5821 Datasheet
246Kb / 8P
BiMOS II 8-Bit Serial Input Latched Drivers
October 28, 2005
A6841 ALLEGRO-A6841 Datasheet
248Kb / 10P
DABiC-5 8-Bit Serial Input Latched Sink Drivers
logo
Micrel Semiconductor
MIC5841 MICREL-MIC5841_06 Datasheet
163Kb / 8P
8-Bit Serial-Input Latched Drivers
MIC5821 MICREL-MIC5821_05 Datasheet
84Kb / 8P
8-Bit Serial-Input Latched Drivers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com