Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5821 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5821
Description  8-Bit Serial-Input Latched Drivers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5821 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5821 Datasheet HTML 1Page - Micrel Semiconductor MIC5821 Datasheet HTML 2Page - Micrel Semiconductor MIC5821 Datasheet HTML 3Page - Micrel Semiconductor MIC5821 Datasheet HTML 4Page - Micrel Semiconductor MIC5821 Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Micrel
MIC5821/5822
7-40
October 1998
Electrical Characteristics TA = +125°C, VDD = 5V, VSS = VEE = 0V (unless otherwise noted)
Limits
Characteristic
Symbol
Test Conditions
Min.
Max.
Unit
Output Leakage Current
ICEX
VOUT = 80V
500
µA
Collector-Emitter
VCE(SAT)
IOUT = 100mA
1.3
V
Saturation Voltage
IOUT = 200mA
1.5
IOUT = 350mA, VDD = 7.0V
1.8
Input Voltage
VIN(0)
0.8
V
VIN(1)
VDD = 12V
10.5
VDD = 5.0V
3.5
Input Resistance
RIN
VDD = 12V
50
k
VDD = 10V
50
VDD = 5.0V
50
Supply Current
IDD(ON)
One Driver ON, VDD = 12V
4.5
mA
One Driver ON, VDD = 10V
3.9
One Driver ON, VDD = 5.0V
2.4
All Drivers ON, VDD = 12V
16
All Drivers ON, VDD = 10V
14
All Drivers ON, VDD = 5.0V
8
IDD(OFF)
All Drivers OFF, VDD = 12V
2.9
All Drivers OFF, VDD = 5.0V
1.6
MIC5821/5822 Family Truth Table
Serial
Shift Register Contents
Serial
Latch Contents
Output Contents
Data
Clock
Data
Strobe
Output
Input
Input
I1
I2
I3 ……
I8
Output
Input
I1
I2
I3 ……
I8
Enable
I1
I2
I3 ……
I8
HH
R1
R2 …… R7
R7
LL
R1
R2 …… R7
R7
XR1
R2
R3 …… R8
R8
XX
X
……
X
X
L
R1
R2
R3 …… R8
P1
P2
P3 …… P8
P8
HP1
P2
P3 …… P8
LP1
P2
P3 …… P8
X
X
X
……
X
H
H
H
H
……
H
L = Low Logic Level
H = High Logic Level
X = Irrelevant
P = Present State
R = Previous State
CLOCK
DATA IN
STROBE
OUTPUT
ENABLE
D
B
A
E
C
G
OUTN
F
Timing Diagram



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com