Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC8114 Datasheet (PDF) - Micrel Semiconductor

MIC8114 Datasheet PDF - Micrel Semiconductor
Part # MIC8114
Download  MIC8114 Download
File Size   172.62 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Microprocessor Reset Circuit

MIC8114 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC8114 Datasheet PDF - Micrel Semiconductor

Part # MIC8114
Download  MIC8114 Click to download

File Size   172.62 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Microprocessor Reset Circuit

MIC8114 Datasheet (HTML) - Micrel Semiconductor


MIC8114 Product details

General Description
The MIC8114 is an inexpensive microprocessor supervisory circuit that monitors the power supply in microprocessor based systems.

Features
• Precision voltage monitor for 3.3V power supplies
• Specifically tailored to the AMD Elan SC400/410
• /RESET remains valid with VCC as low as 1V
• 5µA typical supply current
• 790ms minimum reset pulse width
• Manual reset input
• Available in 4-Pin SOT-143 Package

Applications
• Portable equipment
• Intelligent instruments
• Critical microprocessor power monitoring
• Printers/computers
• Embedded controllers




Similar Part No. - MIC8114

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC8114 MICREL-MIC8114 Datasheet
264Kb / 6P
Microprocessor Reset Circuit
MIC8114TU MICREL-MIC8114TU Datasheet
264Kb / 6P
Microprocessor Reset Circuit
MIC8114TUY MICREL-MIC8114TUY Datasheet
264Kb / 6P
Microprocessor Reset Circuit
MIC8114 MICREL-MIC8114_05 Datasheet
264Kb / 6P
Microprocessor Reset Circuit
More results


Similar Description - MIC8114

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC1815 MICREL-MIC1815 Datasheet
161Kb / 8P
Microprocessor Reset Circuit
logo
Taiwan Semiconductor Co...
TS803R TSC-TS803R Datasheet
135Kb / 5P
Microprocessor Reset Circuit
logo
Micrel Semiconductor
MIC1815 MICREL-MIC1815_05 Datasheet
237Kb / 6P
Microprocessor Reset Circuit
MIC8114 MICREL-MIC8114_05 Datasheet
264Kb / 6P
Microprocessor Reset Circuit
logo
Taiwan Semiconductor Co...
TS3809-10 TSC-TS3809-10_11 Datasheet
212Kb / 7P
Microprocessor Reset Circuit
TS3809-10 TSC-TS3809-10 Datasheet
212Kb / 7P
Microprocessor Reset Circuit
TS3809 TSC-TS3809_15 Datasheet
260Kb / 8P
Microprocessor Reset Circuit
logo
Micrel Semiconductor
MIC8115 MICREL-MIC8115_15 Datasheet
505Kb / 7P
Microprocessor Reset Circuit
logo
Microchip Technology
MIC8115 MICROCHIP-MIC8115 Datasheet
761Kb / 14P
Microprocessor Reset Circuit
09/14/21
logo
TECH PUBLIC Electronics...
MAX810 TECHPUBLIC-MAX810 Datasheet
2Mb / 7P
Microprocessor Reset Circuit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com