Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC8115 Datasheet (PDF) - Micrel Semiconductor

MIC8115 Datasheet PDF - Micrel Semiconductor
Part # MIC8115
Download  MIC8115 Download
File Size   174.3 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Microprocessor Reset Circuit

MIC8115 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC8115 Datasheet PDF - Micrel Semiconductor

Part # MIC8115
Download  MIC8115 Click to download

File Size   174.3 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Microprocessor Reset Circuit

MIC8115 Datasheet (HTML) - Micrel Semiconductor


MIC8115 Product details

General Description

The MIC8115 is an inexpensive microprocessor supervisory circuit that monitors power supplies in microprocessor based systems.

The function of this device is to assert a reset if the power supply  drops  below  a  designated  reset  threshold  level  or /MR is forced low.



Features

•  Precision voltage monitor for 3.3V power supplies

•  Specifically tailored to the AMD Elan SC500 Series

•  /RESET remains valid with VCC as low as 1V

•  5µA typical supply current

•  1100ms minimum reset pulse width

•  Manual reset input

•  Available in 4-Pin SOT-143 Package



Applications

•  Portable equipment

•  Intelligent instruments

•  Critical microprocessor power monitoring

•  Printers/computers

•  Embedded controllers




Similar Part No. - MIC8115

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC8115 MICREL-MIC8115 Datasheet
267Kb / 6P
Microprocessor Reset Circuit
MIC8115 MICREL-MIC8115 Datasheet
505Kb / 7P
Microprocessor Reset Circuit
logo
Microchip Technology
MIC8115 MICROCHIP-MIC8115 Datasheet
761Kb / 14P
Microprocessor Reset Circuit
09/14/21
logo
Micrel Semiconductor
MIC8115-TUY MICREL-MIC8115-TUY Datasheet
505Kb / 7P
Microprocessor Reset Circuit
MIC8115TU MICREL-MIC8115TU Datasheet
267Kb / 6P
Microprocessor Reset Circuit
More results


Similar Description - MIC8115

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC1815 MICREL-MIC1815 Datasheet
161Kb / 8P
Microprocessor Reset Circuit
logo
Taiwan Semiconductor Co...
TS803R TSC-TS803R Datasheet
135Kb / 5P
Microprocessor Reset Circuit
logo
Micrel Semiconductor
MIC1815 MICREL-MIC1815_05 Datasheet
237Kb / 6P
Microprocessor Reset Circuit
MIC8114 MICREL-MIC8114_05 Datasheet
264Kb / 6P
Microprocessor Reset Circuit
logo
Taiwan Semiconductor Co...
TS3809-10 TSC-TS3809-10_11 Datasheet
212Kb / 7P
Microprocessor Reset Circuit
TS3809-10 TSC-TS3809-10 Datasheet
212Kb / 7P
Microprocessor Reset Circuit
TS3809 TSC-TS3809_15 Datasheet
260Kb / 8P
Microprocessor Reset Circuit
logo
Micrel Semiconductor
MIC8115 MICREL-MIC8115_15 Datasheet
505Kb / 7P
Microprocessor Reset Circuit
logo
Microchip Technology
MIC8115 MICROCHIP-MIC8115 Datasheet
761Kb / 14P
Microprocessor Reset Circuit
09/14/21
logo
TECH PUBLIC Electronics...
MAX810 TECHPUBLIC-MAX810 Datasheet
2Mb / 7P
Microprocessor Reset Circuit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com