Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC833 Datasheet (PDF) - Micrel Semiconductor

MIC833 Datasheet PDF - Micrel Semiconductor
Part # MIC833
Download  MIC833 Download
File Size   35.79 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Comparator and Reference with Adj. Hystersis Advance Information

MIC833 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC833 Datasheet PDF - Micrel Semiconductor

Part # MIC833
Download  MIC833 Click to download

File Size   35.79 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Comparator and Reference with Adj. Hystersis Advance Information

MIC833 Datasheet (HTML) - Micrel Semiconductor


MIC833 Product details

General Description

The MIC833 is a micropower precision dual voltage comparator with an on-chip reference and latch.

High- and low-voltage thresholds are adjusted indepen dently, allowing for wide hysteresis. Three external resistors determine the threshold voltages. Voltage detection thresh olds are accurate to 1.5%.



Features

• Optimized for PDAs, cellular telephones, pagers, and other battery-powered devices

• Inputs and output can pulled up to 6V regardless of supply voltage

• Independently adjustable high- and low-voltage thresholds

• High ±1.5% voltage threshold accuracy

• Extremely low 1µA typical supply current

• Immune to brief input transients

• 5-lead SOT-23 package



Applications

• PDAs

• Pagers

• Cordless phones

• Consumer electronics

• Embedded controllers

• Personal electronics




Similar Part No. - MIC833

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC833 MICREL-MIC833 Datasheet
42Kb / 8P
Comparator and Reference with Adj. Hystersis
MIC833BM5 MICREL-MIC833BM5 Datasheet
42Kb / 8P
Comparator and Reference with Adj. Hystersis
MIC833 MICREL-MIC833_02 Datasheet
42Kb / 8P
Comparator and Reference with Adj. Hystersis
More results


Similar Description - MIC833

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB82C215 SIEMENS-SAB82C215 Datasheet
367Kb / 20P
ADVANCE INFORMATION
logo
Micrel Semiconductor
MIC6270 MICREL-MIC6270 Datasheet
40Kb / 3P
IttyBitty??Comparator Advance Information
MIC834 MICREL-MIC834 Datasheet
46Kb / 8P
Comparator with Reference Advance Information
logo
Zarlink Semiconductor I...
SP8602 ZARLINK-SP8602 Datasheet
320Kb / 7P
ADVANCE INFORMATION
logo
Motorola, Inc
MC68HC08AZ0 MOTOROLA-MC68HC08AZ0 Datasheet
4Mb / 444P
Advance Information
MC68HC08AZ60 MOTOROLA-MC68HC08AZ60 Datasheet
3Mb / 452P
Advance Information
MC68HC08AZ32 MOTOROLA-MC68HC08AZ32 Datasheet
4Mb / 424P
Advance Information
logo
Freescale Semiconductor...
68HC08PT48 FREESCALE-68HC08PT48 Datasheet
2Mb / 352P
Advance Information
logo
CML Microcircuits
EV6090 CMLMICRO-EV6090 Datasheet
447Kb / 12P
ADVANCE INFORMATION
logo
Micrel Semiconductor
MIC833 MICREL-MIC833_02 Datasheet
42Kb / 8P
Comparator and Reference with Adj. Hystersis
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com