Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC834 Datasheet (PDF) - Micrel Semiconductor

MIC834 Datasheet PDF - Micrel Semiconductor
Part # MIC834
Download  MIC834 Download
File Size   46.95 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Comparator with Reference Advance Information

MIC834 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC834 Datasheet PDF - Micrel Semiconductor

Part # MIC834
Download  MIC834 Click to download

File Size   46.95 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Comparator with Reference Advance Information

MIC834 Datasheet (HTML) - Micrel Semiconductor


MIC834 Product details

General Description
The MIC834 is a micropower, precision voltage comparator with an on-chip voltage reference.
The threshold is adjusted by the choice of two external resistors. Voltage detection threshold is accurate to 1.5%.
Supply current is extremely low (1.5µA, typical), making it ideal for portable applications.
The MIC834 is supplied in Micrel’s IttyBitty™ 5-lead SOT-23-5 package.

Features
• Optimized for PDAs, cellular telephones, pagers, and other battery-powered devices
• Input and output can be pulled up to 6V regardless of supply voltage
• High ±1.5% voltage threshold accuracy
• Built in hysteresis for noise suppression
• Extremely low 1.5µA typical supply current
• Immune to brief input transients
• 5-lead SOT-23 package

Applications
• PDAs
• Pagers
• Cordless phones
• Consumer electronics
• Embedded controllers
• Personal electronics




Similar Part No. - MIC834

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC833 MICREL-MIC833 Datasheet
35Kb / 8P
Comparator and Reference with Adj. Hystersis Advance Information
MIC833 MICREL-MIC833 Datasheet
42Kb / 8P
Comparator and Reference with Adj. Hystersis
MIC833BM5 MICREL-MIC833BM5 Datasheet
35Kb / 8P
Comparator and Reference with Adj. Hystersis Advance Information
MIC833BM5 MICREL-MIC833BM5 Datasheet
42Kb / 8P
Comparator and Reference with Adj. Hystersis
MIC833 MICREL-MIC833_02 Datasheet
42Kb / 8P
Comparator and Reference with Adj. Hystersis
More results


Similar Description - MIC834

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB82C215 SIEMENS-SAB82C215 Datasheet
367Kb / 20P
ADVANCE INFORMATION
logo
Micrel Semiconductor
MIC6270 MICREL-MIC6270 Datasheet
40Kb / 3P
IttyBitty??Comparator Advance Information
MIC833 MICREL-MIC833 Datasheet
35Kb / 8P
Comparator and Reference with Adj. Hystersis Advance Information
logo
Zarlink Semiconductor I...
SP8602 ZARLINK-SP8602 Datasheet
320Kb / 7P
ADVANCE INFORMATION
logo
Motorola, Inc
MC68HC08AZ0 MOTOROLA-MC68HC08AZ0 Datasheet
4Mb / 444P
Advance Information
MC68HC08AZ60 MOTOROLA-MC68HC08AZ60 Datasheet
3Mb / 452P
Advance Information
MC68HC08AZ32 MOTOROLA-MC68HC08AZ32 Datasheet
4Mb / 424P
Advance Information
logo
Freescale Semiconductor...
68HC08PT48 FREESCALE-68HC08PT48 Datasheet
2Mb / 352P
Advance Information
MC68HC708AS48 FREESCALE-MC68HC708AS48 Datasheet
3Mb / 396P
Advance Information
logo
CML Microcircuits
EV6090 CMLMICRO-EV6090 Datasheet
447Kb / 12P
ADVANCE INFORMATION
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com