Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC834 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC834
Description  Comparator with Reference Advance Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC834 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC834 Datasheet HTML 1Page - Micrel Semiconductor MIC834 Datasheet HTML 2Page - Micrel Semiconductor MIC834 Datasheet HTML 3Page - Micrel Semiconductor MIC834 Datasheet HTML 4Page - Micrel Semiconductor MIC834 Datasheet HTML 5Page - Micrel Semiconductor MIC834 Datasheet HTML 6Page - Micrel Semiconductor MIC834 Datasheet HTML 7Page - Micrel Semiconductor MIC834 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MIC834
Micrel
MIC834
2
September 2001
Pin Description
Pin Number
Pin Name
Pin Function
1
INP
Input: Analog input to the comparator. When V
INP >VREF +VHYST, VOUT is
asserted to a logic-high level output.
2
GND
Ground
3
NC
No Connect
4
OUT
Output: Active-high, open-drain output. This output is de-asserted when
V
INP <VREF, indicating a low voltage input. The output is asserted when
V
INP >VREF +VHYST.
5
VDD
Power Supply (Input): Independent supply input for internal circuitry.
Pin Configuration
INP
VDD
OUT
NC
1
3
45
2
GND
SOT-23-5 (M5)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com