Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC916BQS Datasheet (PDF) - Micrel Semiconductor

MIC916BQS Datasheet PDF - Micrel Semiconductor
Part # MIC916BQS
Download  MIC916BQS Download
File Size   144.7 Kbytes
Page   13 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Triple 135MHz Low-Power Op Amp

MIC916BQS Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC916BQS Datasheet PDF - Micrel Semiconductor

Part # MIC916BQS
Download  MIC916BQS Click to download

File Size   144.7 Kbytes
Page   13 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Triple 135MHz Low-Power Op Amp

MIC916BQS Datasheet (HTML) - Micrel Semiconductor


MIC916BQS Product details

General Description
The MIC916 is a high-speed, unity-gain stable operational amplifier. It provides a gain-bandwidth product of 135MHz with a very low, 2.4mA supply current per op amp.

Features
• 135MHz gain bandwidth product
• 2.4mA supply current per op amp
• QSOP-16 package
• 270V/µs slew rate
• drives any capacitive load

Applications
• Video
• Imaging
• Ultrasound
• Portable equipment




Similar Part No. - MIC916BQS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC916BQS MICREL-MIC916BQS Datasheet
185Kb / 12P
Triple 135MHz Low-Power Op Amp
More results


Similar Description - MIC916BQS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC910 MICREL-MIC910 Datasheet
552Kb / 12P
135MHz Low-Power SOT-23-5 Op Amp
MIC915 MICREL-MIC915 Datasheet
142Kb / 12P
Dual 135MHz Low-Power Op Amp
logo
National Semiconductor ...
LMH6738 NSC-LMH6738 Datasheet
432Kb / 12P
Very Wideband, Low Distortion Triple Op Amp
logo
Intersil Corporation
EL2344 INTERSIL-EL2344 Datasheet
253Kb / 12P
Triple Low-Power 60MHz Unity-Gain Stable Op Amp
September 1996
logo
Micrel Semiconductor
MIC910 MICREL-MIC910_01 Datasheet
135Kb / 12P
135MHz Low-Power SOT-23-5 Op Amp
MIC916 MICREL-MIC916_05 Datasheet
185Kb / 12P
Triple 135MHz Low-Power Op Amp
logo
Analog Devices
ADA4862-3 AD-ADA4862-3_15 Datasheet
484Kb / 17P
Low Cost, Triple Op Amp
REV. A
logo
Texas Instruments
LMH6738 TI1-LMH6738 Datasheet
966Kb / 20P
Very Wideband, Low Distortion Triple Op Amp
logo
Micrel Semiconductor
MIC915 MICREL-MIC915_14 Datasheet
2Mb / 14P
Dual 135MHz Low-Power Op Amp
MIC910 MICREL-MIC910_14 Datasheet
2Mb / 14P
135MHz, Low-Power SOT-23-5 Op Amp
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com