Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPD8021 Datasheet (PDF) - Micrel Semiconductor

MPD8021 Datasheet PDF - Micrel Semiconductor
Part # MPD8021
Download  MPD8021 Download
File Size   40.19 Kbytes
Page   2 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Semicustom High-Voltage Array Summary Information

MPD8021 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPD8021 Datasheet PDF - Micrel Semiconductor

Part # MPD8021
Download  MPD8021 Click to download

File Size   40.19 Kbytes
Page   2 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Semicustom High-Voltage Array Summary Information

MPD8021 Datasheet (HTML) - Micrel Semiconductor


MPD8021 Product details

General Description

The MPD8021 is a semicustom, high-voltage, mixed-mode, power ASIC (Application Specific Integrated Circuit) suitable for quantities from 10 to 100,000’s of pieces. Clients can begin designing proprietary ASICs using a low-cost SPICE simulator and the free MPD8021 Design Kit—available for downloading via the Internet.



Features

• 12 N-channel, 100V, 200mA, 10Ω, fully-floating DMOS power FETs

   (can be paralleled for 100V, 2.4A, 0.83Ω single, half-bridge, or bilateral switches)

• 40 high-voltage PMOS FETs (for level shifting, high-voltage amplifiers)

• 12 high-voltage 200Ω, DMOS FETs (for level shifting, voltage amplifiers)

• 20 high-voltage, grounded-source, DMOS FETs (for level shifting, current mirrors)

• >100 uncommitted CMOS gates

• 12 CMOS/TTL I/O buffers

• 13 low-voltage CMOS tile arrays (for op amps, comparators, digital circuitry)

• 14 dual-collector PNPs and 12 NPNs

   (for trimmed bandgaps, low-offset amplifiers or comparators, temperature sensor)

• 3-bit trimming network (for production trimmed bandgaps or offsets)

• High- and low-value resistors and capacitors (>1MΩ total resistance, 45pF total capacitance)

• 12V and 6V zener diodes (gate-to-source clamps, voltage references)

• 67 I/O pads (36 include 2kV ESD protection)

• Guaranteed –55°C to +150°C operation

• Several package options

• Low-cost prototyping program

• Design support via Internet



Applications

• 2φ and 3φ motor control

• High-voltage, controlled-slew, bus drivers

• High-voltage display drivers

• Lamp drivers with current limit and overtemperature protection

• Relay and solenoid drivers

• Half- and full-bridge drivers

• Multioutput switching power supplies

• High-voltage linear power supplies

• High-voltage signal processing



 




Similar Part No. - MPD8021

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MPD8020 MICREL-MPD8020 Datasheet
30Kb / 2P
CMOS/DMOS Semicustom High-Voltage Array Summary Information*.Not Recommended for New Designs
More results


Similar Description - MPD8021

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2981 MICREL-MIC2981 Datasheet
31Kb / 4P
High-Voltage High-Current Source Driver Array Preliminary Information
MPD8020 MICREL-MPD8020 Datasheet
30Kb / 2P
CMOS/DMOS Semicustom High-Voltage Array Summary Information*.Not Recommended for New Designs
logo
fujitsu semiconductor
CE81 FUJITSU-CE81 Datasheet
122Kb / 14P
Semicustom CMOS Embedded array
CE77 FUJITSU-CE77 Datasheet
160Kb / 24P
Semicustom CMOS Embedded array
CS81 FUJITSU-CS81 Datasheet
75Kb / 12P
Semicustom CMOS Standard cell
CS201 FUJITSU-CS201 Datasheet
70Kb / 9P
Semicustom CMOS Standard Cell
logo
Taiyo Yuden (U.S.A.), I...
EMK042CG2R2AD-W TAIYO-YUDEN-EMK042CG2R2AD-W Datasheet
287Kb / 2P
Item Summary
JMK021BJ472KK-W TAIYO-YUDEN-JMK021BJ472KK-W Datasheet
289Kb / 2P
Item Summary
JMK042BJ473KC-W TAIYO-YUDEN-JMK042BJ473KC-W Datasheet
288Kb / 2P
Item Summary
logo
List of Unclassifed Man...
OZ9910 ETC2-OZ9910 Datasheet
375Kb / 17P
Change Summary
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com