Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPD8021 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MPD8021
Description  Semicustom High-Voltage Array Summary Information
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MPD8021 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MPD8021 Datasheet HTML 1Page - Micrel Semiconductor MPD8021 Datasheet HTML 2Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MPD8021
Micrel
11-4
1997
MPD8021
e™ Semicustom High-Voltage Array
Summary Information
General Description
The MPD8021 is a semicustom, high-voltage, mixed-mode,
power ASIC (Application Specific Integrated Circuit) suitable
for quantities from 10 to 100,000’s of pieces. Clients can
begin designing proprietary ASICs using a low-cost SPICE
simulator and the free MPD8021 Design Kit—available for
downloading via the Internet.
Technology
The MPD8021 features bipolar/CMOS/DMOS high-voltage
technology and is fabricated using Micrel’s proprietary BCD5
process to combine high-speed, low-voltage digital and ana-
log circuits with high-voltage DMOS power drive circuits on a
single chip.
All logic and analog circuitry is powered from a single +3V to
+12V supply. The high-voltage portion functions at voltages
from +20V to over +100V and includes a charge pump.
Rapid Turnaround
Micrel delivers rapid turnaround by applying a unique metal
interconnect pattern, based on the client’s design, to a stock
MPD8021 wafer.
To facilitate a rapid and low-cost design
approach, Micrel offers MPD8021 development programs
that range from limited assistance to full turnkey.
When you are ready for production, count on Micrel’s proven
fab and test group to provide timely deliveries of high-quality,
fully-tested, proprietary ICs.
Low-Cost Development
There is no cost or obligation to begin developing your own
MPD8021-based custom IC. “Kit parts” which are actual
working designs, featuring access to many internal functions,
are available for breadboarding circuits.
MPD8021 Die (0.192"
× 0.200")
Features
• 12 N-channel, 100V, 200mA, 10
Ω,
fully-floating DMOS power FETs
(can be paralleled for 100V, 2.4A, 0.83
Ω single,
half-bridge, or bilateral switches)
• 40 high-voltage PMOS FETs
(for level shifting, high-voltage amplifiers)
• 12 high-voltage 200
Ω, DMOS FETs
(for level shifting, voltage amplifiers)
• 20 high-voltage, grounded-source,
DMOS FETs
(for level shifting, current mirrors)
• >100 uncommitted CMOS gates
• 12 CMOS/TTL I/O buffers
• 13 low-voltage CMOS tile arrays
(for op amps, comparators, digital circuitry)
• 14 dual-collector PNPs and 12 NPNs
(for trimmed bandgaps, low-offset amplifiers or com-
parators, temperature sensor)
• 3-bit trimming network
(for production trimmed bandgaps or offsets)
• High- and low-value resistors and capacitors
(>1M
Ω total resistance, 45pF total capacitance)
• 12V and 6V zener diodes
(gate-to-source clamps, voltage references)
• 67 I/O pads
(36 include 2kV ESD protection)
• Guaranteed –55
°C to +150°C operation
• Several package options
• Low-cost prototyping program
• Design support via Internet
Applications
•2
φ and 3φ motor control
• High-voltage, controlled-slew, bus drivers
• High-voltage display drivers
• Lamp drivers with current limit and
overtemperature protection
• Relay and solenoid drivers
• Half- and full-bridge drivers
• Multioutput switching power supplies
• High-voltage linear power supplies
• High-voltage signal processing
MPD8021 World-Wide Web Site
• http://www.micrel.com
— select “
e ” or “Custom Solutions”
• e-mail: help@ezanalog.com


Similar Part No. - MPD8021

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MPD8020 MICREL-MPD8020 Datasheet
30Kb / 2P
CMOS/DMOS Semicustom High-Voltage Array Summary Information*.Not Recommended for New Designs
More results

Similar Description - MPD8021

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2981 MICREL-MIC2981 Datasheet
31Kb / 4P
High-Voltage High-Current Source Driver Array Preliminary Information
MPD8020 MICREL-MPD8020 Datasheet
30Kb / 2P
CMOS/DMOS Semicustom High-Voltage Array Summary Information*.Not Recommended for New Designs
logo
fujitsu semiconductor
CE81 FUJITSU-CE81 Datasheet
122Kb / 14P
Semicustom CMOS Embedded array
CE77 FUJITSU-CE77 Datasheet
160Kb / 24P
Semicustom CMOS Embedded array
CS81 FUJITSU-CS81 Datasheet
75Kb / 12P
Semicustom CMOS Standard cell
CS201 FUJITSU-CS201 Datasheet
70Kb / 9P
Semicustom CMOS Standard Cell
logo
Taiyo Yuden (U.S.A.), I...
EMK042CG2R2AD-W TAIYO-YUDEN-EMK042CG2R2AD-W Datasheet
287Kb / 2P
Item Summary
JMK021BJ472KK-W TAIYO-YUDEN-JMK021BJ472KK-W Datasheet
289Kb / 2P
Item Summary
JMK042BJ473KC-W TAIYO-YUDEN-JMK042BJ473KC-W Datasheet
288Kb / 2P
Item Summary
logo
List of Unclassifed Man...
OZ9910 ETC2-OZ9910 Datasheet
375Kb / 17P
Change Summary
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com