Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY100EL14V Datasheet (PDF) - Micrel Semiconductor

SY100EL14V Datasheet PDF - Micrel Semiconductor
Part # SY100EL14V
Download  SY100EL14V Download
File Size   67.47 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V/3.3V 1:5 CLOCK DISTRIBUTION

SY100EL14V Datasheet (PDF)

Go To PDF Page Download Datasheet
SY100EL14V Datasheet PDF - Micrel Semiconductor

Part # SY100EL14V
Download  SY100EL14V Click to download

File Size   67.47 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V/3.3V 1:5 CLOCK DISTRIBUTION

SY100EL14V Datasheet (HTML) - Micrel Semiconductor


SY100EL14V Product details

DESCRIPTION

The SY100EL14V is a low skew 1:5 clock distribution chip designed explicitly for low skew clock distribution

applications. The device can be driven by either a differential or single-ended ECL or, if positive power

supplies are used, PECL input signal. The EL14V is suitable for operation in systems operating from 3.3V to

5.0V supplies.



FEATURES

3.3V and 5V power supply options

Typical 30ps output-to-output skew

Max. 50ps output-to-output skew

Synchronous enable/disable

Multiplexed clock input

75KΩinternal input pull-down resistors

Available in 20-pin SOIC package




Similar Part No. - SY100EL14V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL14V MICREL-SY100EL14V Datasheet
61Kb / 5P
5V/3.3V 1:5 CLOCK DISTRIBUTION
SY100EL14V MICREL-SY100EL14V Datasheet
333Kb / 7P
5V/3.3V 1:5 Clock Distribution
SY100EL14VZC MICREL-SY100EL14VZC Datasheet
61Kb / 5P
5V/3.3V 1:5 CLOCK DISTRIBUTION
SY100EL14VZCTR MICREL-SY100EL14VZCTR Datasheet
61Kb / 5P
5V/3.3V 1:5 CLOCK DISTRIBUTION
SY100EL14VZG MICREL-SY100EL14VZG Datasheet
61Kb / 5P
5V/3.3V 1:5 CLOCK DISTRIBUTION
More results


Similar Description - SY100EL14V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL14 ONSEMI-MC100LVEL14 Datasheet
100Kb / 4P
1:5 Clock Distribution Chip
1996 REV 1
logo
Micrel Semiconductor
SY100EL15L MICREL-SY100EL15L Datasheet
53Kb / 4P
3.3V 1:4 CLOCK DISTRIBUTION
logo
Pericom Semiconductor C...
PI90LV14 PERICOM-PI90LV14 Datasheet
121Kb / 6P
1:5 Clock Distribution
logo
ON Semiconductor
MC10EL15 ONSEMI-MC10EL15_05 Datasheet
147Kb / 8P
5V ECL 1:4 Clock Distribution Chip
August, 2005 ??Rev. 5
MC100EL14 ONSEMI-MC100EL14_06 Datasheet
122Kb / 8P
5V ECL 1:5 Clock Distribution Chip
October, 2006 ??Rev. 7
MC100LVEL14 ONSEMI-MC100LVEL14_06 Datasheet
127Kb / 6P
3.3V ECL 1:5 Clock Distribution Chip
November, 2006 ??Rev. 8
logo
Micrel Semiconductor
SY100EL14V MICREL-SY100EL14V_06 Datasheet
61Kb / 5P
5V/3.3V 1:5 CLOCK DISTRIBUTION
SY100EL15L MICREL-SY100EL15L_06 Datasheet
60Kb / 5P
3.3V 1:4 CLOCK DISTRIBUTION
SY100EL14V MICREL-SY100EL14V_14 Datasheet
333Kb / 7P
5V/3.3V 1:5 Clock Distribution
logo
Semtech Corporation
SK10EL14WD SEMTECH-SK10EL14WD Datasheet
93Kb / 4P
1:5 Clock DISTRIBUTION CHIP
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com