Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY100EL15L Datasheet (PDF) - Micrel Semiconductor

SY100EL15L Datasheet PDF - Micrel Semiconductor
Part # SY100EL15L
Download  SY100EL15L Download
File Size   53.83 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3.3V 1:4 CLOCK DISTRIBUTION

SY100EL15L Datasheet (PDF)

Go To PDF Page Download Datasheet
SY100EL15L Datasheet PDF - Micrel Semiconductor

Part # SY100EL15L
Download  SY100EL15L Click to download

File Size   53.83 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3.3V 1:4 CLOCK DISTRIBUTION

SY100EL15L Datasheet (HTML) - Micrel Semiconductor


SY100EL15L Product details

DESCRIPTION
The SY100EL15L is a low skew 1:4 clock distribution IC designed explicitly for low skew clock distribution applications. The device can be driven by either a differential or single-ended ECL or, if positive power supplies are used, PECL input signal. If a single-ended input is to be used the VBB output should be connected to the CLK input and bypassed to ground via a 0.01µF capacitor. The VBB output is designed to act as the switching reference for the input of the EL15 under single-ended input conditions. As a result, this pin can only source/sink up to 0.5mA of current.

FEATURES
■ 3.3V power supply
■ 50ps output-to-output skew
■ Low power
■ Synchronous enable/disable
■ Multiplexed clock input
■ 75KΩ internal input pull-down resistors
■ Available in 16-pin SOIC package




Similar Part No. - SY100EL15L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL15L MICREL-SY100EL15L Datasheet
60Kb / 5P
3.3V 1:4 CLOCK DISTRIBUTION
SY100EL15LZC MICREL-SY100EL15LZC Datasheet
60Kb / 5P
3.3V 1:4 CLOCK DISTRIBUTION
SY100EL15LZC MICREL-SY100EL15LZC Datasheet
65Kb / 4P
3.3V 1:4 CLOCK
SY100EL15LZCTR MICREL-SY100EL15LZCTR Datasheet
60Kb / 5P
3.3V 1:4 CLOCK DISTRIBUTION
SY100EL15LZCTR MICREL-SY100EL15LZCTR Datasheet
65Kb / 4P
3.3V 1:4 CLOCK
More results


Similar Description - SY100EL15L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL15 ONSEMI-MC10EL15 Datasheet
88Kb / 4P
1:4 Clock Distribution Chip
1996 REV 2
logo
Micrel Semiconductor
SY100EL14V MICREL-SY100EL14V Datasheet
67Kb / 4P
5V/3.3V 1:5 CLOCK DISTRIBUTION
logo
Cypress Semiconductor
B9946 CYPRESS-B9946 Datasheet
57Kb / 5P
3.3V, 160-MHz, 1:10 Clock Distribution Buffer
logo
Micrel Semiconductor
SY10EL15 MICREL-SY10EL15 Datasheet
69Kb / 5P
1:4 CLOCK DISTRIBUTION
logo
ON Semiconductor
MC100LVEL14 ONSEMI-MC100LVEL14_06 Datasheet
127Kb / 6P
3.3V ECL 1:5 Clock Distribution Chip
November, 2006 ??Rev. 8
logo
Micrel Semiconductor
SY100EL14V MICREL-SY100EL14V_06 Datasheet
61Kb / 5P
5V/3.3V 1:5 CLOCK DISTRIBUTION
logo
Cypress Semiconductor
B9949 CYPRESS-B9949 Datasheet
70Kb / 8P
3.3V 160-MHz 1:15 Clock Distribution Buffer
logo
Micrel Semiconductor
SY100EL15L MICREL-SY100EL15L_06 Datasheet
60Kb / 5P
3.3V 1:4 CLOCK DISTRIBUTION
SY100EL14V MICREL-SY100EL14V_14 Datasheet
333Kb / 7P
5V/3.3V 1:5 Clock Distribution
logo
Semtech Corporation
SK10EL15WD SEMTECH-SK10EL15WD Datasheet
94Kb / 4P
1:4 Clock Distribution
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com