Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY100EL57L Datasheet (PDF) - Micrel Semiconductor

SY100EL57L Datasheet PDF - Micrel Semiconductor
Part # SY100EL57L
Download  SY100EL57L Download
File Size   62.46 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3.3V 4:1 DIFFERENTIAL MULTIPLEXER

SY100EL57L Datasheet (PDF)

Go To PDF Page Download Datasheet
SY100EL57L Datasheet PDF - Micrel Semiconductor

Part # SY100EL57L
Download  SY100EL57L Click to download

File Size   62.46 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3.3V 4:1 DIFFERENTIAL MULTIPLEXER

SY100EL57L Datasheet (HTML) - Micrel Semiconductor


SY100EL57L Product details

DESCRIPTION
The SY100EL57L is a full differential 4:1 multiplexer. By leaving the SEL1 line open (pulled LOW via the input pulldown resistors) the device can also be used as a differential 2:1 multiplexer with SEL0 input selecting between D0 and D1. The fully differential architecture of the EL57L makes it ideal for use in low skew applications such as clock distribution.

FEATURES
■ 3.3V power supply
■ Useful as either 4:1 or 2:1 multiplexer
■ VBB output for single-ended operation
■ 75KΩ internal input pulldown resistors
■ Available in 150 mil 16-pin SOIC package




Similar Part No. - SY100EL57L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL57LZC MICREL-SY100EL57LZC Datasheet
54Kb / 5P
3.3V 4:1 DIFFERENTIAL MULTIPLEXER
SY100EL57LZCTR MICREL-SY100EL57LZCTR Datasheet
54Kb / 5P
3.3V 4:1 DIFFERENTIAL MULTIPLEXER
SY100EL57LZG MICREL-SY100EL57LZG Datasheet
54Kb / 5P
3.3V 4:1 DIFFERENTIAL MULTIPLEXER
SY100EL57LZGTR MICREL-SY100EL57LZGTR Datasheet
54Kb / 5P
3.3V 4:1 DIFFERENTIAL MULTIPLEXER
SY100EL57LZI MICREL-SY100EL57LZI Datasheet
54Kb / 5P
3.3V 4:1 DIFFERENTIAL MULTIPLEXER
More results


Similar Description - SY100EL57L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL57 ONSEMI-MC10EL57 Datasheet
96Kb / 3P
4:1 Differential Multiplexer
1996 REV 1
MC10EP57 ONSEMI-MC10EP57 Datasheet
99Kb / 8P
4:1 Differential Multiplexer
April, 2000 ??Rev. 2
logo
Micrel Semiconductor
SY100EL56V MICREL-SY100EL56V Datasheet
55Kb / 4P
5V/3.3V DUAL DIFFERENTIAL 2:1 MULTIPLEXER
SY10EL57 MICREL-SY10EL57 Datasheet
57Kb / 4P
4:1 DIFFERENTIAL MULTIPLEXER
logo
ON Semiconductor
MC100EP57 ONSEMI-MC100EP57 Datasheet
77Kb / 10P
3.3V / 5V ECL 4:1 Differential Multiplexer
October, 2004 ??Rev. 9
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57_06 Datasheet
55Kb / 5P
4:1 DIFFERENTIAL MULTIPLEXER
logo
ON Semiconductor
MC10EP57 ONSEMI-MC10EP57_06 Datasheet
169Kb / 11P
3.3V / 5V ECL 4:1 Differential Multiplexer
December, 2006 ??Rev. 12
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57_10 Datasheet
55Kb / 5P
4:1 DIFFERENTIAL MULTIPLEXER
SY100EL57L MICREL-SY100EL57L_06 Datasheet
54Kb / 5P
3.3V 4:1 DIFFERENTIAL MULTIPLEXER
SY100EP57V MICREL-SY100EP57V Datasheet
479Kb / 8P
3.3V/5V PECL/ECL 3GHz DIFFERENTIAL 4:1 MULTIPLEXER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com