Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY100EL90V Datasheet (PDF) - Micrel Semiconductor

SY100EL90V Datasheet PDF - Micrel Semiconductor
Part # SY100EL90V
Download  SY100EL90V Download
File Size   67.16 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V/3.3V TRIPLE ECL/LVECL-TOPECL/ LVPECL TRANSLATOR

SY100EL90V Datasheet (PDF)

Go To PDF Page Download Datasheet
SY100EL90V Datasheet PDF - Micrel Semiconductor

Part # SY100EL90V
Download  SY100EL90V Click to download

File Size   67.16 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V/3.3V TRIPLE ECL/LVECL-TOPECL/ LVPECL TRANSLATOR

SY100EL90V Datasheet (HTML) - Micrel Semiconductor


SY100EL90V Product details

DESCRIPTION
The SY100EL90V is a triple ECL/LVECL-to-PECL/ LVPECL translator. The device can translate over all combinations of supply voltages: -5V ECL to 5V PECL, -5V ECL to 3.3V LVPECL, -3.3V LVECL to 5V PECL or -3.3V LVECL to 3.3V LVPECL.

FEATURES
■ 3.3V and 5V power supply options
■ 500ps propagation delay
■ Fully differential design
■ Supports both standard and low voltage operation
■ Available in 20-pin SOIC package




Similar Part No. - SY100EL90V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL90V MICREL-SY100EL90V Datasheet
59Kb / 5P
5V/3.3V TRIPLE ECL/LVECL-TOPECL/LVPECL TRANSLATOR
SY100EL90VZC MICREL-SY100EL90VZC Datasheet
59Kb / 5P
5V/3.3V TRIPLE ECL/LVECL-TOPECL/LVPECL TRANSLATOR
SY100EL90VZCTR MICREL-SY100EL90VZCTR Datasheet
59Kb / 5P
5V/3.3V TRIPLE ECL/LVECL-TOPECL/LVPECL TRANSLATOR
SY100EL90VZG MICREL-SY100EL90VZG Datasheet
59Kb / 5P
5V/3.3V TRIPLE ECL/LVECL-TOPECL/LVPECL TRANSLATOR
SY100EL90VZGTR MICREL-SY100EL90VZGTR Datasheet
59Kb / 5P
5V/3.3V TRIPLE ECL/LVECL-TOPECL/LVPECL TRANSLATOR
More results


Similar Description - SY100EL90V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EPT25 ONSEMI-MC100EPT25 Datasheet
96Kb / 8P
Differential LVECL/ECL to LVTTL Translator
May, 2000 ??Rev. 1
logo
Maxim Integrated Produc...
MAX9321B MAXIM-MAX9321B Datasheet
107Kb / 7P
Differential PECL/ECL/LVPECL/LVECL Receiver/Driver
19-2384; Rev 0; 4/02
logo
Micrel Semiconductor
SY100EL91L MICREL-SY100EL91L Datasheet
57Kb / 5P
3.3V TRIPLE LVPECL-to-ECL OR LVPECL-to-LVECL TRANSLATOR
logo
ON Semiconductor
MC10EP90 ONSEMI-MC10EP90 Datasheet
68Kb / 8P
-3.3V / -5V Triple ECL Input to LVPECL/PECL Output Translator
June, 2004 ??Rev. 4
MC100LVEL90 ONSEMI-MC100LVEL90_06 Datasheet
112Kb / 6P
??.3V / ??V Triple ECL Input to LVPECL Output Translator
November, 2006 ??Rev. 11
MC100LVEL92 ONSEMI-MC100LVEL92_06 Datasheet
112Kb / 6P
5V Triple PECL Input to LVPECL Output Translator
November, 2006 ??Rev. 11
logo
Texas Instruments
SN65EPT23 TI-SN65EPT23 Datasheet
254Kb / 10P
3.3V ECL Differential LVPECL/LVDS to LVTTL/LVCMOS Translator
logo
Micrel Semiconductor
SY100EL90V MICREL-SY100EL90V_06 Datasheet
59Kb / 5P
5V/3.3V TRIPLE ECL/LVECL-TOPECL/LVPECL TRANSLATOR
SY10EPT20V MICREL-SY10EPT20V_10 Datasheet
74Kb / 6P
5V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
logo
ON Semiconductor
MC10EP90 ONSEMI-MC10EP90_14 Datasheet
92Kb / 9P
Triple ECL Input to LVPECL/PECL Output Translator
May, 2014 ??Rev. 7
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com