Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY100EL91L Datasheet (PDF) - Micrel Semiconductor

SY100EL91L Datasheet PDF - Micrel Semiconductor
Part # SY100EL91L
Download  SY100EL91L Download
File Size   57.13 Kbytes
Page   5 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3.3V TRIPLE LVPECL-to-ECL OR LVPECL-to-LVECL TRANSLATOR

SY100EL91L Datasheet (PDF)

Go To PDF Page Download Datasheet
SY100EL91L Datasheet PDF - Micrel Semiconductor

Part # SY100EL91L
Download  SY100EL91L Click to download

File Size   57.13 Kbytes
Page   5 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3.3V TRIPLE LVPECL-to-ECL OR LVPECL-to-LVECL TRANSLATOR

SY100EL91L Datasheet (HTML) - Micrel Semiconductor


SY100EL91L Product details

DESCRIPTION
The SY100EL91L is a triple LVPECL-to-ECL or LVPECL-to-LVECL translator.

FEATURES
■ 3.3V power supply
■ 620ps propagation delay
■ Fully differential design
■ Supports low voltage operation
■ Available in 20-pin SOIC package




Similar Part No. - SY100EL91L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL91 MICREL-SY100EL91 Datasheet
57Kb / 5P
TRIPLE PECL-TO-ECL TRANSLATOR
SY100EL91ZC MICREL-SY100EL91ZC Datasheet
57Kb / 5P
TRIPLE PECL-TO-ECL TRANSLATOR
SY100EL91ZCTR MICREL-SY100EL91ZCTR Datasheet
57Kb / 5P
TRIPLE PECL-TO-ECL TRANSLATOR
SY100EL91ZG MICREL-SY100EL91ZG Datasheet
57Kb / 5P
TRIPLE PECL-TO-ECL TRANSLATOR
SY100EL91ZGTR MICREL-SY100EL91ZGTR Datasheet
57Kb / 5P
TRIPLE PECL-TO-ECL TRANSLATOR
More results


Similar Description - SY100EL91L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL92 ONSEMI-MC100LVEL92 Datasheet
71Kb / 3P
Triple PECL to LVPECL Translator?
1997 REV 2
logo
Micrel Semiconductor
SY100EL90V MICREL-SY100EL90V Datasheet
67Kb / 4P
5V/3.3V TRIPLE ECL/LVECL-TOPECL/ LVPECL TRANSLATOR
SY100EL92 MICREL-SY100EL92 Datasheet
71Kb / 4P
TRIPLE LVPECL-TO-PECL OR PECL-TO-LVPECL TRANSLATOR
logo
ON Semiconductor
MC10EP90 ONSEMI-MC10EP90 Datasheet
68Kb / 8P
-3.3V / -5V Triple ECL Input to LVPECL/PECL Output Translator
June, 2004 ??Rev. 4
MC100LVEL90 ONSEMI-MC100LVEL90_06 Datasheet
112Kb / 6P
??.3V / ??V Triple ECL Input to LVPECL Output Translator
November, 2006 ??Rev. 11
logo
Texas Instruments
SN65EPT23 TI-SN65EPT23 Datasheet
254Kb / 10P
3.3V ECL Differential LVPECL/LVDS to LVTTL/LVCMOS Translator
SN65EPT23 TI-SN65EPT23_10 Datasheet
402Kb / 12P
3.3V ECL Differential LVPECL/LVDS to LVTTL/LVCMOS Translator
logo
Micrel Semiconductor
SY100EL92 MICREL-SY100EL92_06 Datasheet
62Kb / 5P
TRIPLE LVPECL-TO-PECL OR PECL-TO-LVPECL TRANSLATOR
SY100EL90V MICREL-SY100EL90V_06 Datasheet
59Kb / 5P
5V/3.3V TRIPLE ECL/LVECL-TOPECL/LVPECL TRANSLATOR
logo
ON Semiconductor
MC10EP90 ONSEMI-MC10EP90_14 Datasheet
92Kb / 9P
Triple ECL Input to LVPECL/PECL Output Translator
May, 2014 ??Rev. 7
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com