Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY100EPT23L Datasheet (PDF) - Micrel Semiconductor

SY100EPT23L Datasheet PDF - Micrel Semiconductor
Part # SY100EPT23L
Download  SY100EPT23L Download
File Size   74.28 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR

SY100EPT23L Datasheet (PDF)

Go To PDF Page Download Datasheet
SY100EPT23L Datasheet PDF - Micrel Semiconductor

Part # SY100EPT23L
Download  SY100EPT23L Click to download

File Size   74.28 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR

SY100EPT23L Datasheet (HTML) - Micrel Semiconductor


SY100EPT23L Product details

DESCRIPTION
The SY100EPT23L is a dual differential LVPECL-toLVTTL translator. Because LVPECL (Low Voltage Positive ECL) levels are used, only +3.3V and ground are required. The tiny 8-pin MSOP and dual-gate design of the EPT23L makes it ideal for applications which require the translation of a clock and data signal.

FEATURES
■ 3.3V power supply
■ 1.9ns typical propagation delay
■ Maximum frequency > 275MHz
■ Differential LVPECL inputs
■ 24mA LVTTL outputs
■ Flow-through pinouts
■ Internal input resistors: pulldown on D, pulldown
   and pullup on /D
■ Q output will default LOW with inputs open or at
   Ground
■ Available in 8-pin MSOP and SOIC packages




Similar Part No. - SY100EPT23L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EPT23L MICREL-SY100EPT23L Datasheet
111Kb / 6P
3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY100EPT23LKC MICREL-SY100EPT23LKC Datasheet
111Kb / 6P
3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY100EPT23LKCTR MICREL-SY100EPT23LKCTR Datasheet
111Kb / 6P
3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY100EPT23LKG MICREL-SY100EPT23LKG Datasheet
111Kb / 6P
3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY100EPT23LKGTR MICREL-SY100EPT23LKGTR Datasheet
111Kb / 6P
3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
More results


Similar Description - SY100EPT23L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EPT21L MICREL-SY100EPT21L Datasheet
87Kb / 8P
3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY10ELT21L MICREL-SY10ELT21L Datasheet
51Kb / 4P
3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY10ELT23L MICREL-SY10ELT23L Datasheet
51Kb / 4P
3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY10ELT21L MICREL-SY10ELT21L_06 Datasheet
56Kb / 5P
3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY10ELT23L MICREL-SY10ELT23L_06 Datasheet
58Kb / 5P
3.3V, DUAL DIFFERENTIAL LVPECL-TO-LVTTL TRANSLATOR
SY89223L MICREL-SY89223L Datasheet
41Kb / 5P
3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY89323L MICREL-SY89323L_06 Datasheet
461Kb / 5P
3.3V DUAL DIFFERENTIAL LVPECL-TO-LVTTL TRANSLATOR
SY100EPT23L MICREL-SY100EPT23L_05 Datasheet
111Kb / 6P
3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY100EPT21L MICREL-SY100EPT21L_05 Datasheet
115Kb / 6P
3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
logo
Renesas Technology Corp
MC100ES60T23 RENESAS-MC100ES60T23 Datasheet
628Kb / 9P
3.3V Dual Differential LVPECL to LVTTL Translator
2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com