Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILX232 Datasheet (PDF) - IK Semicon Co., Ltd

ILX232 Datasheet PDF - IK Semicon Co., Ltd
Part # ILX232
Download  ILX232 Download
File Size   384.29 Kbytes
Page   7 Pages
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd
Description Output current 24 mA

ILX232 Datasheet (PDF)

Go To PDF Page Download Datasheet
ILX232 Datasheet PDF - IK Semicon Co., Ltd

Part # ILX232
Download  ILX232 Click to download

File Size   384.29 Kbytes
Page   7 Pages
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd
Description Output current 24 mA

ILX232 Datasheet (HTML) - IK Semicon Co., Ltd




Similar Part No. - ILX232

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
ILX232 INTEGRAL-ILX232 Datasheet
200Kb / 7P
Interface transceiver of RS-232 standard with one supply voltage
More results


Similar Description - ILX232

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8010 AD-AD8010 Datasheet
164Kb / 12P
200 mA Output Current High Speed Amplifier
REV.A
AD8010_2000 AD-AD8010_2000 Datasheet
188Kb / 12P
200 mA Output Current High-Speed Amplifier
REV. B
logo
Texas Instruments
TPS715XX TI1-TPS715XX_12 Datasheet
643Kb / 16P
50 mA, 24 V, 3.2-mA Supply Current
logo
STMicroelectronics
L79L05ABZ-AP STMICROELECTRONICS-L79L05ABZ-AP Datasheet
717Kb / 27P
Output current up to 100 mA
29-Jul-2009
logo
Analog Devices
AD8010 AD-AD8010_15 Datasheet
189Kb / 12P
200 mA Output Current High-Speed Amplifier
REV. B
logo
MicroPower Direct, LLC
LDF24E-10-300 MPD-LDF24E-10-300 Datasheet
341Kb / 2P
300 - 700 mA Output Current
logo
Silicon Touch Technolog...
ST2226B SITI-ST2226B Datasheet
305Kb / 20P
Maximum output current: 60 mA
logo
STMicroelectronics
LD39115J STMICROELECTRONICS-LD39115J Datasheet
429Kb / 21P
150 mA guaranteed output current
16-Jan-2014
LDLN015 STMICROELECTRONICS-LDLN015 Datasheet
1Mb / 18P
150 mA guaranteed output current
14-Jan-2015
LNBP8L STMICROELECTRONICS-LNBP8L Datasheet
423Kb / 21P
500 mA guaranteed output current
11-Nov-2008
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com