Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY10E143 Datasheet (PDF) - Micrel Semiconductor

SY10E143 Datasheet PDF - Micrel Semiconductor
Part # SY10E143
Download  SY10E143 Download
File Size   72.05 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 9-BIT HOLD REGISTER

SY10E143 Datasheet (PDF)

Go To PDF Page Download Datasheet
SY10E143 Datasheet PDF - Micrel Semiconductor

Part # SY10E143
Download  SY10E143 Click to download

File Size   72.05 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 9-BIT HOLD REGISTER

SY10E143 Datasheet (HTML) - Micrel Semiconductor


SY10E143 Product details

DESCRIPTION
The SY10/100E143 are high-speed 9-bit hold registers designed for use in new, high-performance ECL systems. The E143 can hold current data or load new data. The nine inputs, D0-D8, accept parallel input data.

FEATURES
■ 700MHz min. operating frequency
■ Extended 100E VEE range of –4.2V to –5.5V
■ 9 bits wide for byte-parity applications
■ Asynchronous Master Reset
■ Dual clocks
■ Fully compatible with industry standard 10KH, 100K ECL levels
■ Internal 75kΩ input pulldown resistors
■ Fully compatible with Motorola MC10E/100E143
■ Available in 28-pin PLCC package




Similar Part No. - SY10E143

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E143 MICREL-SY10E143 Datasheet
62Kb / 4P
9-BIT HOLD REGISTER
SY10E143JC MICREL-SY10E143JC Datasheet
62Kb / 4P
9-BIT HOLD REGISTER
SY10E143JCTR MICREL-SY10E143JCTR Datasheet
62Kb / 4P
9-BIT HOLD REGISTER
SY10E143JZ MICREL-SY10E143JZ Datasheet
62Kb / 4P
9-BIT HOLD REGISTER
SY10E143JZTR MICREL-SY10E143JZTR Datasheet
62Kb / 4P
9-BIT HOLD REGISTER
More results


Similar Description - SY10E143

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E142 ONSEMI-MC10E142 Datasheet
109Kb / 4P
9-BIT SHIFT REGISTER
1996 REV 2
MC10E143 ONSEMI-MC10E143 Datasheet
108Kb / 4P
9-BIT HOLD REGISTER
1996 REV 2
logo
Micrel Semiconductor
SY10E142 MICREL-SY10E142 Datasheet
71Kb / 4P
9-BIT SHIFT REGISTER
logo
ON Semiconductor
MC10E142 ONSEMI-MC10E142_06 Datasheet
150Kb / 8P
5V ECL 9-Bit Shift Register
February, 2006 ??Rev. 7
MC10E143 ONSEMI-MC10E143_06 Datasheet
128Kb / 8P
5V ECL 9-Bit Hold Register
November, 2006 ??Rev. 7
logo
Micrel Semiconductor
SY10E142 MICREL-SY10E142_06 Datasheet
63Kb / 4P
9-BIT SHIFT REGISTER
SY10E143 MICREL-SY10E143_06 Datasheet
62Kb / 4P
9-BIT HOLD REGISTER
logo
Arizona Microtek, Inc
AZ10E142 AZM-AZ10E142 Datasheet
74Kb / 5P
ECL/PECL 9-bit Shift Register
logo
ON Semiconductor
MC10E143 ONSEMI-MC10E143_16 Datasheet
157Kb / 7P
5V ECL 9?륛it Hold Register
July, 2016 ??Rev. 8
MC10EP142 ONSEMI-MC10EP142_15 Datasheet
133Kb / 14P
ECL 9-Bit Shift Register
April, 2015 ??Rev. 18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com