Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY10E151 Datasheet (PDF) - Micrel Semiconductor

SY10E151 Datasheet PDF - Micrel Semiconductor
Part # SY10E151
Download  SY10E151 Download
File Size   66.31 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 6-BIT D REGISTER

SY10E151 Datasheet (PDF)

Go To PDF Page Download Datasheet
SY10E151 Datasheet PDF - Micrel Semiconductor

Part # SY10E151
Download  SY10E151 Click to download

File Size   66.31 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 6-BIT D REGISTER

SY10E151 Datasheet (HTML) - Micrel Semiconductor


SY10E151 Product details

DESCRIPTION
The SY10/100E151 offer 6 edge-triggered, high-speed, master-slave D-type flip-flops with differential outputs, designed for use in new, high-performance ECL systems. The two external clock signals (CLK1, CLK2) are gated through a logical OR operation before use as clocking control for the flip-flops. Data is clocked into the flip-flops on the rising edge of either CLK1 or CLK2 (or both). When both CLK1 and CLK2 are at a logic LOW, data enters the master and is transferred to the slave when either CLK1 or CLK2 (or both) go HIGH.
The MR (Master Reset) signal operates asynchronously to make all Q outputs go to a logic LOW.

FEATURES
■ 1100MHz toggle frequency
■ Extended 100E VEE range of –4.2V to –5.46V
■ Differential outputs
■ Asynchronous Master Reset
■ Dual clocks
■ Fully compatible with industry standard 10KH, 100K ECL levels
■ Internal 75KΩ input pulldown resistors
■ Fully compatible with Motorola MC10E/100E151
■ Available in 28-pin PLCC package




Similar Part No. - SY10E151

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E151 MICREL-SY10E151 Datasheet
63Kb / 4P
6-BIT D REGISTER
SY10E151 MICREL-SY10E151 Datasheet
64Kb / 4P
6-BIT D REGISTER
SY10E151JC MICREL-SY10E151JC Datasheet
64Kb / 4P
6-BIT D REGISTER
SY10E151JCTR MICREL-SY10E151JCTR Datasheet
64Kb / 4P
6-BIT D REGISTER
SY10E151JI MICREL-SY10E151JI Datasheet
63Kb / 4P
6-BIT D REGISTER
More results


Similar Description - SY10E151

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E151 ONSEMI-MC10E151 Datasheet
104Kb / 4P
6-BIT D REGISTER
1996 REV 2
MC10E451 ONSEMI-MC10E451 Datasheet
112Kb / 4P
6-BIT D REGISTER DIFFERENTIAL DATA AND CLOCK
1996 REV 2
logo
Micrel Semiconductor
SY10E167 MICREL-SY10E167 Datasheet
155Kb / 3P
6-BIT 2:1 MUX-REGISTER
SY10E451 MICREL-SY10E451 Datasheet
63Kb / 4P
6-BIT REGISTER DIFFERENTIAL DATA CLOCK
logo
ON Semiconductor
MC10E151 ONSEMI-MC10E151_06 Datasheet
127Kb / 8P
5V ECL 6-Bit D Register
November, 2006 ??Rev. 9
logo
Micrel Semiconductor
SY10E151 MICREL-SY10E151_06 Datasheet
63Kb / 4P
6-BIT D REGISTER
SY10E451 MICREL-SY10E451_06 Datasheet
63Kb / 4P
6-BIT REGISTER DIFFERENTIAL DATA CLOCK
SY10E151 MICREL-SY10E151_08 Datasheet
64Kb / 4P
6-BIT D REGISTER
logo
ON Semiconductor
MC10EP451 ONSEMI-MC10EP451_14 Datasheet
114Kb / 10P
ECL 6-Bit Differential Register
June, 2014 ??Rev. 10
logo
Semtech Corporation
SK10E151PJ SEMTECH-SK10E151PJ Datasheet
116Kb / 5P
6-bit D register
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com