Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY10E158 Datasheet (PDF) - Micrel Semiconductor

SY10E158 Datasheet PDF - Micrel Semiconductor
Part # SY10E158
Download  SY10E158 Download
File Size   58.23 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5-BIT 2:1 MULTIPLEXER

SY10E158 Datasheet (PDF)

Go To PDF Page Download Datasheet
SY10E158 Datasheet PDF - Micrel Semiconductor

Part # SY10E158
Download  SY10E158 Click to download

File Size   58.23 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5-BIT 2:1 MULTIPLEXER

SY10E158 Datasheet (HTML) - Micrel Semiconductor


SY10E158 Product details

DESCRIPTION
The SY10/100E158 offer five 2:1 multiplexers with differential outputs, designed for use in new, high performance ECL systems.
The multiplexer operation is controlled by the SEL (Select) signal which selects one of the two bits of input data at each mux to be passed through.

FEATURES
■ 550ps max. D to output
■ Extended 100E VEE range of –4.2V to –5.5V
■ 775ps max. SEL to output
■ Differential outputs
■ Fully compatible with industry standard 10KH, 100K ECL levels
■ Internal 75KΩ input pulldown resistors
■ Fully compatible with Motorola MC10E/100E158
■ Available in 28-pin PLCC package




Similar Part No. - SY10E158

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E158 MICREL-SY10E158 Datasheet
59Kb / 4P
5-BIT 2:1 MULTIPLEXER
SY10E158JC MICREL-SY10E158JC Datasheet
59Kb / 4P
5-BIT 2:1 MULTIPLEXER
SY10E158JCTR MICREL-SY10E158JCTR Datasheet
59Kb / 4P
5-BIT 2:1 MULTIPLEXER
SY10E158JZ MICREL-SY10E158JZ Datasheet
59Kb / 4P
5-BIT 2:1 MULTIPLEXER
SY10E158JZTR MICREL-SY10E158JZTR Datasheet
59Kb / 4P
5-BIT 2:1 MULTIPLEXER
More results


Similar Description - SY10E158

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E158 ONSEMI-MC10E158 Datasheet
100Kb / 4P
5-BIT 2:1 MULTIPLEXER
1996 REV 2
MC10E163 ONSEMI-MC10E163 Datasheet
102Kb / 4P
2-BIT 8:1 MULTIPLEXER
1996 REV 2
logo
Micrel Semiconductor
SY10E163 MICREL-SY10E163 Datasheet
58Kb / 4P
2-BIT 8:1 MULTIPLEXER
logo
Integrated Circuit Syst...
ICS83052I-01 ICST-ICS83052I-01 Datasheet
217Kb / 12P
2-BIT, 2 : 1, SINGLE-ENDED MULTIPLEXER
REV. A NOVEMBER 24, 2004
logo
ON Semiconductor
MC10E158 ONSEMI-MC10E158_06 Datasheet
78Kb / 8P
5V ECL 5-Bit 2:1 Multiplexer
December, 2006 ??Rev. 9
logo
Micrel Semiconductor
SY10E158 MICREL-SY10E158_06 Datasheet
59Kb / 4P
5-BIT 2:1 MULTIPLEXER
SY10E163 MICREL-SY10E163_06 Datasheet
60Kb / 4P
2-BIT 8:1 MULTIPLEXER
logo
ON Semiconductor
MC10E158 ONSEMI-MC10E158_16 Datasheet
154Kb / 8P
5V ECL 5?륛it 2:1 Multiplexer
July, 2016 ??Rev. 10
logo
Integrated Device Techn...
83052I-01 IDT-83052I-01 Datasheet
314Kb / 15P
2-Bit, 2:1, Single-Ended Multiplexer
logo
Renesas Technology Corp
83052I-01 RENESAS-83052I-01 Datasheet
509Kb / 16P
2-Bit, 2:1, Single-Ended Multiplexer
December 16, 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com