Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9401 Datasheet (PDF) - Intersil Corporation

X9401 Datasheet PDF - Intersil Corporation
Part # X9401
Download  X9401 Download
File Size   403.19 Kbytes
Page   20 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Quad, 64 Tap, Digitally Controlled Potentiometer

X9401 Datasheet (PDF)

Go To PDF Page Download Datasheet
X9401 Datasheet PDF - Intersil Corporation

Part # X9401
Download  X9401 Click to download

File Size   403.19 Kbytes
Page   20 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Quad, 64 Tap, Digitally Controlled Potentiometer

X9401 Datasheet (HTML) - Intersil Corporation


X9401 Product details

Description
The X9401 integrates 4 digitally controlled potentiometers
(XDCP) on a monolithic CMOS integrated microcircuit.
The digitally controlled potentiometer is implemented using
64 resistive elements in a series array. Between each
element are tap points connected to the wiper terminal
through switches. The position of the wiper on the array is
controlled by the user through the SPI bus interface. Each
potentiometer has associated with it a volatile Wiper Counter
Register (WCR) and 4 nonvolatile Data Registers
(DR0:DR3) that can be directly written to and read by the
user. The contents of the WCR controls the position of the
wiper on the resistor array through the switches. Power-up
recalls the contents of DR0 to the WCR.
The XDCP can be used as a three-terminal potentiometer or
as a two-terminal variable resistor in a wide variety of
applications including control, parameter adjustments, and
signal processing.

Features
• Quad - 4 Separate Pots, 64 Taps/Pot
• Nonvolatile Storage of Wiper Position
• Four Nonvolatile Data Registers for Each Pot
• 16-bytes of EEPROM Memory
• SPI Serial Interface
• RTOTAL = 10k
• Wiper Resistance = 150 Typical
• Standby Current < 3µA (Total Package)
• Operating Current < 700µA max.
• VCC = 2.7V to 5V
• 24 Ld SOIC and 24 Ld TSSOP Package
• 100 year Data Retention
• Pb-Free Available (RoHS Compliant)




Similar Part No. - X9401

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9401 INTERSIL-X9401 Datasheet
371Kb / 20P
Low Noise/Low Power/SPI Bus
September 23, 2005
X9401 INTERSIL-X9401 Datasheet
339Kb / 19P
Quad, 64 Tap, Digitally Controlled Potentiometer
October 12, 2006
X9401 INTERSIL-X9401 Datasheet
346Kb / 18P
Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP??
X9401 INTERSIL-X9401 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
X9401 RENESAS-X9401 Datasheet
827Kb / 20P
Low Noise/Low Power/SPI Bus Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP??
More results


Similar Description - X9401

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22449 INTERSIL-ISL22449 Datasheet
356Kb / 12P
Quad Digitally Controlled Potentiometer
September 15, 2006
X9401 INTERSIL-X9401_06 Datasheet
339Kb / 19P
Quad, 64 Tap, Digitally Controlled Potentiometer
October 12, 2006
ISL23345 INTERSIL-ISL23345 Datasheet
881Kb / 19P
Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
June 21, 2011
ISL23445 INTERSIL-ISL23445 Datasheet
923Kb / 20P
Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
June 21, 2011
X9401 INTERSIL-X9401_09 Datasheet
346Kb / 18P
Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP??
ISL23348 INTERSIL-ISL23348 Datasheet
865Kb / 19P
Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23448 INTERSIL-ISL23448 Datasheet
754Kb / 21P
Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
X9252YV24IZ-2.7 INTERSIL-X9252YV24IZ-2.7 Datasheet
445Kb / 19P
Quad Digitally-Controlled Potentiometer
July 24, 2014
logo
Renesas Technology Corp
X9401 RENESAS-X9401 Datasheet
827Kb / 20P
Low Noise/Low Power/SPI Bus Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP??
ISL23345 RENESAS-ISL23345 Datasheet
1Mb / 19P
Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
June 21, 2011
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com