Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY10E212 Datasheet (PDF) - Micrel Semiconductor

SY10E212 Datasheet PDF - Micrel Semiconductor
Part # SY10E212
Download  SY10E212 Download
File Size   61.89 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3-BIT SCANNABLE REGISTER

SY10E212 Datasheet (PDF)

Go To PDF Page Download Datasheet
SY10E212 Datasheet PDF - Micrel Semiconductor

Part # SY10E212
Download  SY10E212 Click to download

File Size   61.89 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3-BIT SCANNABLE REGISTER

SY10E212 Datasheet (HTML) - Micrel Semiconductor


SY10E212 Product details

DESCRIPTION
The SY10/100E212 are scannable registered ECL drivers typically used as fan-out memory address drivers for ECL cache driving. In a VLSI array-based CPU design, use of the E212 allows the user to conserve array output cell functionality and also output pins.
The input shift register is designed with control logic which greatly facilitates its use in boundary scan applications.

FEATURES
■ Scannable version E112 driver
■ Extended 100E VEE range of –4.2V to –5.5V
■ 1025ps max. CLK to Output
■ Dual differential outputs
■ Master Reset
■ Internal 75KΩ input pull-down resistors
■ Fully compatible with industry standard 10KH, 100K ECL levels
■ Fully compatible with Motorola MC10E/100E212
■ Available in 28-pin PLCC package




Similar Part No. - SY10E212

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E212 MICREL-SY10E212 Datasheet
63Kb / 4P
3-BIT SCANNABLE REGISTER
SY10E212JC MICREL-SY10E212JC Datasheet
63Kb / 4P
3-BIT SCANNABLE REGISTER
SY10E212JCTR MICREL-SY10E212JCTR Datasheet
63Kb / 4P
3-BIT SCANNABLE REGISTER
SY10E212JZ MICREL-SY10E212JZ Datasheet
63Kb / 4P
3-BIT SCANNABLE REGISTER
SY10E212JZTR MICREL-SY10E212JZTR Datasheet
63Kb / 4P
3-BIT SCANNABLE REGISTER
More results


Similar Description - SY10E212

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E212 ONSEMI-MC10E212 Datasheet
111Kb / 4P
3-BIT SCANNABLE REGISTERED ADDRESS DRIVER
1996 REV 2
MC10E337 ONSEMI-MC10E337 Datasheet
116Kb / 5P
3-BIT SCANNABLE REGISTERED BUS TRANSCEIVER
1996 REV 2
logo
Micrel Semiconductor
SY10E241 MICREL-SY10E241 Datasheet
60Kb / 4P
8-BIT SCANNABLE REGISTER
SY10E337 MICREL-SY10E337 Datasheet
64Kb / 4P
3-BIT SCANNABLE
logo
ON Semiconductor
MC10E212 ONSEMI-MC10E212_06 Datasheet
183Kb / 7P
5V ECL 3-Bit Scannable Registered Address Driver
June, 2006 ??Rev. 5
MC74VHC595 ONSEMI-MC74VHC595 Datasheet
269Kb / 12P
8-Bit Shift Register with Output Storage Register (3-State)
March, 2006 -- Rev. 4
MC100E241 ONSEMI-MC100E241_06 Datasheet
125Kb / 7P
5V ECL 8-Bit Scannable Register
October, 2006 ??Rev. 3
logo
Micrel Semiconductor
SY10E212 MICREL-SY10E212_06 Datasheet
63Kb / 4P
3-BIT SCANNABLE REGISTER
SY10E337 MICREL-SY10E337_06 Datasheet
67Kb / 5P
3-BIT SCANNABLE REGISTERED BUS TRANSCEIVER
logo
SHENZHEN FUMAN ELECTRON...
74HC595D FUMAN-74HC595D Datasheet
523Kb / 8P
3-state 8-bit shift register
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com