Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY10E337 Datasheet (PDF) - Micrel Semiconductor

SY10E337 Datasheet PDF - Micrel Semiconductor
Part # SY10E337
Download  SY10E337 Download
File Size   64.87 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3-BIT SCANNABLE

SY10E337 Datasheet (PDF)

Go To PDF Page Download Datasheet
SY10E337 Datasheet PDF - Micrel Semiconductor

Part # SY10E337
Download  SY10E337 Click to download

File Size   64.87 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3-BIT SCANNABLE

SY10E337 Datasheet (HTML) - Micrel Semiconductor


SY10E337 Product details

DESCRIPTION
The SY10/100E337 are 3-bit registered bus transceivers with scan designed for use in new, high- performance ECL systems. The bus outputs (BUS0–BUS2) are designed to drive a 25Ω bus; the receive outputs (Q0–Q2) are designed for 50Ω. The bus outputs feature a normal logic HIGH level (VOH) and a cutoff LOW level of –2.0V and the output emitter-follower is “off”, presenting a high impedance to the bus. The bus outputs also feature edge slow-down capacitors.

FEATURES
■ 1500ps max. clock to bus (data transmit)
■ 1000ps max. clock to Q (data receive)
■ Extended 100E VEE range of –4.2V to –5.5V
■ 25Ω cutoff bus outputs
■ 50Ω receiver outputs
■ Scannable implementation of E336
■ Synchronous and asynchronous bus enables
■ Non-inverting data path
■ Bus outputs feature internal edge slow-down capacitors
■ Additional package ground pins
■ Fully compatible with industry standard 10KH, 100K ECL levels
■ Internal 75KΩ input pulldown resistors
■ Fully compatible with Motorola MC10E/100E337
■ Available in 28-pin PLCC package




Similar Part No. - SY10E337

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E337 MICREL-SY10E337 Datasheet
67Kb / 5P
3-BIT SCANNABLE REGISTERED BUS TRANSCEIVER
SY10E337JC MICREL-SY10E337JC Datasheet
67Kb / 5P
3-BIT SCANNABLE REGISTERED BUS TRANSCEIVER
SY10E337JCTR MICREL-SY10E337JCTR Datasheet
67Kb / 5P
3-BIT SCANNABLE REGISTERED BUS TRANSCEIVER
SY10E337JZ MICREL-SY10E337JZ Datasheet
67Kb / 5P
3-BIT SCANNABLE REGISTERED BUS TRANSCEIVER
SY10E337JZTR MICREL-SY10E337JZTR Datasheet
67Kb / 5P
3-BIT SCANNABLE REGISTERED BUS TRANSCEIVER
More results


Similar Description - SY10E337

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E212 ONSEMI-MC10E212 Datasheet
111Kb / 4P
3-BIT SCANNABLE REGISTERED ADDRESS DRIVER
1996 REV 2
MC10E337 ONSEMI-MC10E337 Datasheet
116Kb / 5P
3-BIT SCANNABLE REGISTERED BUS TRANSCEIVER
1996 REV 2
logo
Micrel Semiconductor
SY10E212 MICREL-SY10E212 Datasheet
61Kb / 4P
3-BIT SCANNABLE REGISTER
SY10E241 MICREL-SY10E241 Datasheet
60Kb / 4P
8-BIT SCANNABLE REGISTER
logo
ON Semiconductor
MC10E212 ONSEMI-MC10E212_06 Datasheet
183Kb / 7P
5V ECL 3-Bit Scannable Registered Address Driver
June, 2006 ??Rev. 5
MC100E241 ONSEMI-MC100E241_06 Datasheet
125Kb / 7P
5V ECL 8-Bit Scannable Register
October, 2006 ??Rev. 3
logo
Micrel Semiconductor
SY10E212 MICREL-SY10E212_06 Datasheet
63Kb / 4P
3-BIT SCANNABLE REGISTER
SY10E337 MICREL-SY10E337_06 Datasheet
67Kb / 5P
3-BIT SCANNABLE REGISTERED BUS TRANSCEIVER
logo
IC-Haus GmbH
IC-OF ICHAUS-IC-OF Datasheet
143Kb / 6P
3-BIT OPTO ENCODER
logo
NXP Semiconductors
MMA8450Q NXP-MMA8450Q Datasheet
670Kb / 57P
3-Axis, 8-bit/12-bit Digital Accelerometer
Rev. 9.1, 04/2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com