Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN74LS07 Datasheet (PDF) - IK Semicon Co., Ltd

IN74LS07 Datasheet PDF - IK Semicon Co., Ltd
Part # IN74LS07
Download  IN74LS07 Download
File Size   169.71 Kbytes
Page   4 Pages
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd
Description High Output Voltage 30 V

IN74LS07 Datasheet (PDF)

Go To PDF Page Download Datasheet
IN74LS07 Datasheet PDF - IK Semicon Co., Ltd

Part # IN74LS07
Download  IN74LS07 Click to download

File Size   169.71 Kbytes
Page   4 Pages
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd
Description High Output Voltage 30 V

IN74LS07 Datasheet (HTML) - IK Semicon Co., Ltd


IN74LS07 Product details

These hex buffers feature high-voltage open-collector outputs to interface with high-level circuits or for driving high-current loads. They are also characterized for use as buffers for driving TTL inputs. The ’LS07 devices have a rated output voltage of 30 V. The maximum sink current is 40 mA.
This circuit are compatible with most TTL families. Inputs are diode clamped to minimize transmission-line effects, which simplifies design. This device contains hex non inverted buffers with open-collector.

• High Output Voltage 30 V
• High Speed tPD = 12 ns
• Low Power Dissipation PD = 13 mW per Gate




Similar Part No. - IN74LS07

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74LS07 INTEGRAL-IN74LS07 Datasheet
98Kb / 3P
Hex Non-Inverted Buffers with Open- Collector Outputs
IN74LS07D INTEGRAL-IN74LS07D Datasheet
98Kb / 3P
Hex Non-Inverted Buffers with Open- Collector Outputs
IN74LS07N INTEGRAL-IN74LS07N Datasheet
98Kb / 3P
Hex Non-Inverted Buffers with Open- Collector Outputs
More results


Similar Description - IN74LS07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4274 INFINEON-TLE4274_08 Datasheet
225Kb / 13P
Voltage Regulator Output voltage: 3.3 V/2.5 V 짹 4%
Rev. 2.3, 2008-03-10
logo
Allegro MicroSystems
A8586 ALLEGRO-A8586 Datasheet
813Kb / 19P
Output voltage adjustable from 0.8 to 30 V
logo
Texas Instruments
TLV760 TI1-TLV760 Datasheet
1Mb / 25P
100-mA, 30-V, Fixed-Output, Linear-Voltage Regulator
logo
Omron Electronics LLC
G3VM-31QR OMRON-G3VM-31QR Datasheet
371Kb / 4P
Load voltage 30 V/60 V/100 V.
logo
Texas Instruments
OPA462 TI1-OPA462 Datasheet
1Mb / 20P
High-Voltage (180-V), High-Current (30-mA) Operational Amplifier
logo
STMicroelectronics
STTH30M06S STMICROELECTRONICS-STTH30M06S Datasheet
208Kb / 10P
600 V, 30 A ultrafast high voltage diode
03-Jun-2021
STTH30RQ06 STMICROELECTRONICS-STTH30RQ06 Datasheet
628Kb / 20P
600 V, 30 A ultrafast high voltage rectifier
March 2020
STTH30RQ06L2 STMICROELECTRONICS-STTH30RQ06L2 Datasheet
460Kb / 12P
600 V, 30 A ultrafast high voltage rectifier
03-Dec-2021
STTH30RQ06L2Y STMICROELECTRONICS-STTH30RQ06L2Y Datasheet
464Kb / 12P
Automotive 600 V, 30 A ultrafast high voltage rectifier
17-Dec-2021
STTH60RQ06CWL STMICROELECTRONICS-STTH60RQ06CWL Datasheet
377Kb / 11P
600 V, 2 X 30 A ultrafast high voltage rectifier
07-Feb-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com