Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY10E431 Datasheet (PDF) - Micrel Semiconductor

SY10E431 Datasheet PDF - Micrel Semiconductor
Part # SY10E431
Download  SY10E431 Download
File Size   61.4 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3-BIT DIFFERENTIAL FLIP-FLOP

SY10E431 Datasheet (PDF)

Go To PDF Page Download Datasheet
SY10E431 Datasheet PDF - Micrel Semiconductor

Part # SY10E431
Download  SY10E431 Click to download

File Size   61.4 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3-BIT DIFFERENTIAL FLIP-FLOP

SY10E431 Datasheet (HTML) - Micrel Semiconductor


SY10E431 Product details

DESCRIPTION
The SY10/100E431 are 3-bit flip-flops with differential clock, data input and data output.
The asynchronous Set and Reset controls are edgetriggered rather than level controlled. This allows the user
to rapidly set or reset the flip-flop and then continue clocking at the next clock edge without the necessity of de-asserting the set/reset signal (as would be the case with a level controlled set/reset).
The E431 is also designed with larger internal swings, an approach intended to minimize the time spent crossing the threshold region and thus reduces the metastability susceptibility window.

FEATURES
■ Differential D, clock and Q
■ Extended 100E VEE range of –4.2V to –5.5V
■ VBB output for single-ended use
■ 1100MHz min. toggle frequency
■ Edge-triggered asynchronous set and reset
■ Fully compatible with Motorola MC10E/100E431
■ Available in 28-pin PLCC package




Similar Part No. - SY10E431

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E431 MICREL-SY10E431 Datasheet
62Kb / 4P
3-BIT DIFFERENTIAL FLIP-FLOP
SY10E431JC MICREL-SY10E431JC Datasheet
62Kb / 4P
3-BIT DIFFERENTIAL FLIP-FLOP
SY10E431JCTR MICREL-SY10E431JCTR Datasheet
62Kb / 4P
3-BIT DIFFERENTIAL FLIP-FLOP
SY10E431JZ MICREL-SY10E431JZ Datasheet
62Kb / 4P
3-BIT DIFFERENTIAL FLIP-FLOP
SY10E431JZTR MICREL-SY10E431JZTR Datasheet
62Kb / 4P
3-BIT DIFFERENTIAL FLIP-FLOP
More results


Similar Description - SY10E431

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL51 ONSEMI-MC100LVEL51 Datasheet
82Kb / 3P
Differential Clock D Flip-Flop
1996 REV 1
MC10E431 ONSEMI-MC10E431 Datasheet
109Kb / 4P
3-BIT DIFFERENTIAL FLIP-FLOP
1996 REV 3
MC10EL51 ONSEMI-MC10EL51 Datasheet
80Kb / 3P
Differential Clock D Flip-Flop
1996 REV 2
MC10EL52 ONSEMI-MC10EL52 Datasheet
82Kb / 3P
Differential Data and Clock D Flip-Flop
1996 REV 2
logo
Micrel Semiconductor
SY10EL51 MICREL-SY10EL51 Datasheet
50Kb / 4P
DIFFERENTIAL CLOCK D FLIP-FLOP
logo
Texas Instruments
SN74AVC16722 TI-SN74AVC16722 Datasheet
202Kb / 1P
22-BIT FLIP-FLOP WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC10E431 ONSEMI-MC10E431_06 Datasheet
133Kb / 9P
5V ECL 3-Bit Differential Flip-Flop
November, 2006 ??Rev. 10
logo
Micrel Semiconductor
SY10E431 MICREL-SY10E431_06 Datasheet
62Kb / 4P
3-BIT DIFFERENTIAL FLIP-FLOP
SY10EL51 MICREL-SY10EL51_05 Datasheet
52Kb / 4P
DIFFERENTIAL CLOCK D FLIP-FLOP
logo
Semtech Corporation
SK10E131PJ SEMTECH-SK10E131PJ Datasheet
113Kb / 4P
4-bit D Flip-Flop
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com