Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY10EL16V Datasheet (PDF) - Micrel Semiconductor

SY10EL16V Datasheet PDF - Micrel Semiconductor
Part # SY10EL16V
Download  SY10EL16V Download
File Size   46.97 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V/3.3V DIFFERENTIAL RECEIVER

SY10EL16V Datasheet (PDF)

Go To PDF Page Download Datasheet
SY10EL16V Datasheet PDF - Micrel Semiconductor

Part # SY10EL16V
Download  SY10EL16V Click to download

File Size   46.97 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V/3.3V DIFFERENTIAL RECEIVER

SY10EL16V Datasheet (HTML) - Micrel Semiconductor


SY10EL16V Product details

DESCRIPTION
The SY10/100EL16V are differential receivers. The devices are functionally equivalent to the E116 devices, with higher performance capabilities. With output transition times significantly faster than the E116, the EL16V is ideally suited for interfacing with high-frequency sources.

FEATURES
■ 3.3V and 5V power supply options
■ 250ps propagation delay
■ High bandwidth output transitions
■ Internal 75KΩ input pull-down resistors
■ Replaces SY10/100EL16
■ Improved output waveform characteristics
■ Available in 8-pin (3×3mm) MSOP and SOIC package




Similar Part No. - SY10EL16V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL16V MICREL-SY10EL16V Datasheet
53Kb / 6P
3.3V/5V 1GHz DIFFERENTIAL PECL/ECL RECEIVER/BUFFER
SY10EL16V MICREL-SY10EL16V Datasheet
486Kb / 6P
5V/3.3V DIFFERENTIAL RECEIVER
SY10EL16VA MICREL-SY10EL16VA Datasheet
158Kb / 9P
ENHANCED DIFFERENTIAL RECEIVER
SY10EL16VA MICREL-SY10EL16VA Datasheet
147Kb / 9P
ENHANCED DIFFERENTIAL RECEIVER
SY10EL16VA-VF MICREL-SY10EL16VA-VF Datasheet
147Kb / 9P
ENHANCED DIFFERENTIAL RECEIVER
More results


Similar Description - SY10EL16V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88927V MICREL-SY88927V Datasheet
80Kb / 5P
5V/3.3V 2.5Gbps HIGH-SPEED DIFFERENTIAL RECEIVER
SY10EP16V MICREL-SY10EP16V Datasheet
78Kb / 5P
5V/3.3V HIGH-SPEED DIFFERENTIAL RECEIVER
SY100EL17V MICREL-SY100EL17V Datasheet
63Kb / 4P
5V/3.3V QUAD DIFFERENTIAL RECEIVER
logo
ON Semiconductor
MC10EP16 ONSEMI-MC10EP16_06 Datasheet
165Kb / 11P
3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
MC10EP17 ONSEMI-MC10EP17_06 Datasheet
179Kb / 11P
3.3V / 5V ECL Quad Differential Driver/Receiver
December, 2006 ??Rev. 7
logo
Micrel Semiconductor
SY100EL16VS MICREL-SY100EL16VS_07 Datasheet
95Kb / 6P
5V/3.3V VARIABLE OUTPUT SWING DIFFERENTIAL RECEIVER
SY88927V MICREL-SY88927V Datasheet
69Kb / 6P
5V/3.3V 2.5Gbps HIGH-SPEED DIFFERENTIAL RECEIVER
SY10EL16V MICREL-SY10EL16V_06 Datasheet
486Kb / 6P
5V/3.3V DIFFERENTIAL RECEIVER
SY100EL17V MICREL-SY100EL17V_06 Datasheet
61Kb / 5P
5V/3.3V QUAD DIFFERENTIAL RECEIVER
SY10EP16V MICREL-SY10EP16V_06 Datasheet
493Kb / 6P
5V/3.3V HIGH-SPEED DIFFERENTIAL RECEIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com