Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY88927V Datasheet (PDF) - Micrel Semiconductor

SY88927V Datasheet PDF - Micrel Semiconductor
Part # SY88927V
Download  SY88927V Download
File Size   80.94 Kbytes
Page   5 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V/3.3V 2.5Gbps HIGH-SPEED DIFFERENTIAL RECEIVER

SY88927V Datasheet (PDF)

Go To PDF Page Download Datasheet
SY88927V Datasheet PDF - Micrel Semiconductor

Part # SY88927V
Download  SY88927V Click to download

File Size   80.94 Kbytes
Page   5 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V/3.3V 2.5Gbps HIGH-SPEED DIFFERENTIAL RECEIVER

SY88927V Datasheet (HTML) - Micrel Semiconductor


SY88927V Product details

DESCRIPTION
The SY88927V is a 2.5Gbps high-speed differential receiver. The device is functionally equivalent to the EL16V devices, with higher performance capabilities. With output transition times significantly faster than the EL16V, the SY88927V is ideally suited for interfacing with highfrequency sources.

FEATURES
■ 3.3V and 5V power supply options
■ Maximum frequency > 3.0GHz
■ Internal 75KΩ input pull-down resistors
■ Faster version of SY100EL16V
■ 100K ECL compatible I/O
■ Improved output waveform characteristics
■ Available in 8-pin (3mm) MSOP and SOIC package




Similar Part No. - SY88927V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88927V MICREL-SY88927V Datasheet
69Kb / 6P
5V/3.3V 2.5Gbps HIGH-SPEED DIFFERENTIAL RECEIVER
SY88927V MICREL-SY88927V Datasheet
69Kb / 6P
5V/3.3V 2.5Gbps HIGH-SPEED DIFFERENTIAL RECEIVER
SY88927VKC MICREL-SY88927VKC Datasheet
69Kb / 6P
5V/3.3V 2.5Gbps HIGH-SPEED DIFFERENTIAL RECEIVER
SY88927VKC MICREL-SY88927VKC Datasheet
69Kb / 6P
5V/3.3V 2.5Gbps HIGH-SPEED DIFFERENTIAL RECEIVER
SY88927VKCTR MICREL-SY88927VKCTR Datasheet
69Kb / 6P
5V/3.3V 2.5Gbps HIGH-SPEED DIFFERENTIAL RECEIVER
More results


Similar Description - SY88927V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL16V MICREL-SY10EL16V Datasheet
46Kb / 4P
5V/3.3V DIFFERENTIAL RECEIVER
SY10EP16V MICREL-SY10EP16V Datasheet
78Kb / 5P
5V/3.3V HIGH-SPEED DIFFERENTIAL RECEIVER
SY88927V MICREL-SY88927V_05 Datasheet
69Kb / 6P
5V/3.3V 2.5Gbps HIGH-SPEED DIFFERENTIAL RECEIVER
SY89307V MICREL-SY89307V Datasheet
49Kb / 5P
5V/3.3V 2.5Gbps VARIABLE OUTPUT SWING PECL/ECL DIFFERENTIAL RECEIVER
SY88927V MICREL-SY88927V Datasheet
69Kb / 6P
5V/3.3V 2.5Gbps HIGH-SPEED DIFFERENTIAL RECEIVER
logo
Source Photonics, Inc.
T-11-2500-P-3-SSC-APC SOURCE-T-11-2500-P-3-SSC-APC Datasheet
337Kb / 3P
2.5Gbps PIN-TIA Receiver Modules (3.3V/5V)
logo
Micrel Semiconductor
SY10EL16V MICREL-SY10EL16V_06 Datasheet
486Kb / 6P
5V/3.3V DIFFERENTIAL RECEIVER
SY100EP16VS MICREL-SY100EP16VS Datasheet
475Kb / 5P
5V/3.3V 2.5Gbps VARIABLE OUTPUT SWING DIFFERENTIAL RECEIVER
SY100EL17V MICREL-SY100EL17V_06 Datasheet
61Kb / 5P
5V/3.3V QUAD DIFFERENTIAL RECEIVER
SY10EP16V MICREL-SY10EP16V_06 Datasheet
493Kb / 6P
5V/3.3V HIGH-SPEED DIFFERENTIAL RECEIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com