Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY10EL89 Datasheet (PDF) - Micrel Semiconductor

SY10EL89 Datasheet PDF - Micrel Semiconductor
Part # SY10EL89
Download  SY10EL89 Download
File Size   54.75 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description COAXIAL CABLE DRIVER

SY10EL89 Datasheet (PDF)

Go To PDF Page Download Datasheet
SY10EL89 Datasheet PDF - Micrel Semiconductor

Part # SY10EL89
Download  SY10EL89 Click to download

File Size   54.75 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description COAXIAL CABLE DRIVER

SY10EL89 Datasheet (HTML) - Micrel Semiconductor


SY10EL89 Product details

DESCRIPTION
The SY10EL89 is a differential fanout gate specifically designed to drive coaxial cables. The device is especially useful in Digital Video Broadcast applications. For this application, since the system is polarity-free, each output of the device can be used as an independent driver. The driver boasts a voltage gain of approximately 40 and produces output swings twice as large as a standard ECL output. When driving a coaxial cable, proper termination is required at both ends of the line to minimize signal loss. The 1.6V output swings allow for termination at both ends of the cable while maintaining the required 800mV swing at the receiving end of the cable. Because of the larger output swings, the device cannot be terminated into the standard –2.0V. All of the DC parameters are tested with a 50Ω to –3.0V load. The driver accepts a standard differential ECL input and can run off the Digital Video Broadcast standard –5.0V supply.

FEATURES
■ 375ps propagation delay
■ 1.6V output swings
■ Internal 75KΩ input pull-down resistors
■ Available in 8-pin SOIC package




Similar Part No. - SY10EL89

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL89 MICREL-SY10EL89 Datasheet
60Kb / 4P
COAXIAL CABLE DRIVER
SY10EL89ZC MICREL-SY10EL89ZC Datasheet
60Kb / 4P
COAXIAL CABLE DRIVER
SY10EL89ZCTR MICREL-SY10EL89ZCTR Datasheet
60Kb / 4P
COAXIAL CABLE DRIVER
SY10EL89ZI MICREL-SY10EL89ZI Datasheet
60Kb / 4P
COAXIAL CABLE DRIVER
SY10EL89ZITR MICREL-SY10EL89ZITR Datasheet
60Kb / 4P
COAXIAL CABLE DRIVER
More results


Similar Description - SY10EL89

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL89 ONSEMI-MC10EL89 Datasheet
86Kb / 3P
Coaxial Cable Driver
1996 REV 2
MC10EP89 ONSEMI-MC10EP89 Datasheet
97Kb / 8P
Coaxial Cable Driver
December, 1999 ??Rev. 1
logo
List of Unclassifed Man...
AZ10EL89 ETC1-AZ10EL89 Datasheet
134Kb / 4P
ECL/PECL Coaxial Cable Driver
logo
Micrel Semiconductor
SY10EP89V MICREL-SY10EP89V Datasheet
86Kb / 7P
5V/3.3V 3GHz COAXIAL CABLE DRIVER
logo
ON Semiconductor
MC10EL89 ONSEMI-MC10EL89_06 Datasheet
136Kb / 8P
5V ECL Coaxial Cable Driver
December, 2006 ??Rev. 7
logo
Micrel Semiconductor
SY10EL89 MICREL-SY10EL89_03 Datasheet
60Kb / 4P
COAXIAL CABLE DRIVER
logo
Arizona Microtek, Inc
AZ10EL89 AZM-AZ10EL89 Datasheet
115Kb / 4P
ECL/PECL Coaxial Cable Driver
AZ10EL89 AZM-AZ10EL89_12 Datasheet
437Kb / 6P
PECL/ECL Coaxial Cable Driver
logo
ON Semiconductor
MC10EL89 ONSEMI-MC10EL89_16 Datasheet
146Kb / 6P
5V ECL Coaxial Cable Driver
July, 2016 ??Rev. 10
MC10EP89 ONSEMI-MC10EP89_09 Datasheet
120Kb / 11P
ECL Coaxial Cable Driver
February, 2008 - Rev. 7
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com