Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY10EL89 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY10EL89
Description  COAXIAL CABLE DRIVER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EL89 Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY10EL89 Datasheet HTML 1Page - Micrel Semiconductor SY10EL89 Datasheet HTML 2Page - Micrel Semiconductor SY10EL89 Datasheet HTML 3Page - Micrel Semiconductor SY10EL89 Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
SY10EL89
Micrel
DC ELECTRICAL CHARACTERISTICS
TA = -40
°CTA = 0°CTA = +25°CTA = +85˚C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
IEE
Power Supply Current
18
23
28
18
23
28
18
23
28
18
23
28
mA
VOH
Output HIGH Voltage(1) –1.23 –1.10 –0.98 –1.17 –1.05 –0.93 –1.13 –1.02 –0.90 –1.06 –0.96 –0.81
V
VOL
Output LOW Voltage(1) –2.84 –2.72 –2.58 –2.84 –2.70 –2.56 –2.84 –2.70 –2.56 –2.84 –2.67 –2.51
V
VEE
Power Supply Voltage
–4.75
—–5.5
–4.75
—–5.5
–4.75
—–5.5
–4.75
—–5.5
V
IIH
Input HIGH Current
——
150
——
150
——
150
——
150
µA
VEE = VEE (Min.) to VEE (Max.); VCC = GND
NOTE:
1. VOH and VOL specified for 50
Ω to –3.0V load.
TA = -40
°CTA = 0°CTA = +25°CTA = +85˚C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
tPLH
Propagation Delay to
200
340
480
250
340
430
260
350
440
310
400
490
ps
tPHL
Output D
tskew
Within-Device Skew
—
520
—
520
—
520
—
520
ps
VPP
Minimum Input Swing(1)
150
——
150
——
150
——
150
——
mV
VCMR
Common Mode Range(2)
(2)
—–0.4
(2)
—–0.4
(2)
—–0.4
(2)
—–0.4
V
tr
Output Rise/Fall Times Q
205
330
455
205
330
455
205
330
455
205
330
455
ps
tf
(20% to 80%)
AC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = GND
NOTES:
1. Minimum input swing for which AC parameters are guaranteed. The device has a DC gain of
≈40.
2. The CMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within the specified
range and the peak-to-peak voltage lies between VPP min. and 1V. The lower end of the CMR range is dependent on VEE and is equal to VEE + 3.0V.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com