Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY10H841 Datasheet (PDF) - Micrel Semiconductor

SY10H841 Datasheet PDF - Micrel Semiconductor
Part # SY10H841
Download  SY10H841 Download
File Size   72.79 Kbytes
Page   6 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description SINGLE SUPPLY QUAD PECL-TO-TTL W/LATCHED OUTPUT ENABLE

SY10H841 Datasheet (PDF)

Go To PDF Page Download Datasheet
SY10H841 Datasheet PDF - Micrel Semiconductor

Part # SY10H841
Download  SY10H841 Click to download

File Size   72.79 Kbytes
Page   6 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description SINGLE SUPPLY QUAD PECL-TO-TTL W/LATCHED OUTPUT ENABLE

SY10H841 Datasheet (HTML) - Micrel Semiconductor


SY10H841 Product details

DESCRIPTION
The SY10/100H841 are single supply, low skew translating 1:4 clock drivers.
The devices feature a 24mA TTL output stage, with AC performance specified into a 50pF load capacitance.

FEATURES
■ Translates positive ECL to TTL (PECL-to-TTL)
■ 300ps pin-to-pin skew
■ 500ps part-to-part skew
■ Differential internal design for increased noise
   immunity and stable threshold inputs
■ VBB reference output
■ Single supply
■ Enable input
■ Latch enable input
■ Extra TTL and ECL power/ground pins to reduce
   cross-talk/noise
■ High drive capability: 24mA each output
■ Fully compatible with industry standard 10K, 100K
   I/O levels
■ Available in 16-pin SOIC package




Similar Part No. - SY10H841

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10H841 MICREL-SY10H841 Datasheet
68Kb / 7P
SINGLE SUPPLY QUAD PECL-TO-TTL W/LATCHED OUTPUT ENABLE
SY10H841L MICREL-SY10H841L Datasheet
78Kb / 5P
3.3V SINGLE SUPPLY QUAD PECL-TO-TTL W/LATCHED OUTPUT ENABLE
SY10H841LZC MICREL-SY10H841LZC Datasheet
78Kb / 5P
3.3V SINGLE SUPPLY QUAD PECL-TO-TTL W/LATCHED OUTPUT ENABLE
SY10H841LZCTR MICREL-SY10H841LZCTR Datasheet
78Kb / 5P
3.3V SINGLE SUPPLY QUAD PECL-TO-TTL W/LATCHED OUTPUT ENABLE
SY10H841ZC MICREL-SY10H841ZC Datasheet
68Kb / 7P
SINGLE SUPPLY QUAD PECL-TO-TTL W/LATCHED OUTPUT ENABLE
More results


Similar Description - SY10H841

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S811 MICREL-SY100S811 Datasheet
111Kb / 5P
SINGLE SUPPLY 1:9 PECL/TTL-TO-PECL
SY100S815 MICREL-SY100S815 Datasheet
67Kb / 4P
SINGLE SUPPLY QUAD PECL/TTL-TO-PECL
SY10H841L MICREL-SY10H841L Datasheet
78Kb / 5P
3.3V SINGLE SUPPLY QUAD PECL-TO-TTL W/LATCHED OUTPUT ENABLE
SY10H842 MICREL-SY10H842 Datasheet
81Kb / 6P
SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
SY10H842L MICREL-SY10H842L Datasheet
77Kb / 5P
3.3V SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
SY10H841 MICREL-SY10H841_06 Datasheet
68Kb / 7P
SINGLE SUPPLY QUAD PECL-TO-TTL W/LATCHED OUTPUT ENABLE
SY10H842 MICREL-SY10H842_06 Datasheet
68Kb / 7P
SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
SY10H842L MICREL-SY10H842L_06 Datasheet
75Kb / 6P
3.3V SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
SY100S811 MICREL-SY100S811_07 Datasheet
100Kb / 6P
SINGLE SUPPLY 1:9 PECL/TTL-TO-PECL
SY100S815 MICREL-SY100S815_06 Datasheet
60Kb / 5P
SINGLE SUPPLY QUAD PECL/TTL-TO-PECL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com