Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL3330 Datasheet (PDF) - Intersil Corporation

ISL3330 Datasheet PDF - Intersil Corporation
Part # ISL3330
Download  ISL3330 Download
File Size   947.66 Kbytes
Page   25 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 3.3V, ±15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers

ISL3330 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL3330 Datasheet PDF - Intersil Corporation

Part # ISL3330
Download  ISL3330 Click to download

File Size   947.66 Kbytes
Page   25 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 3.3V, ±15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers

ISL3330 Datasheet (HTML) - Intersil Corporation


ISL3330 Product details

These devices are BiCMOS interface ICs that are user
configured as either a single RS-422/RS-485 differential
transceiver, or as a dual (2 Tx, 2 Rx) RS-232 transceiver.
In RS-232 mode, the on-board charge pump generates
RS-232 compliant ±5V Tx output levels, from a supply as low
as 3.15V. Four small 0.1µF capacitors are required for the
charge pump. The transceivers are RS-232 compliant, with
the Rx inputs handling up to ±25V.
In RS-485 mode, the transceivers support both the RS-485
and RS-422 differential communication standards. The
RS-485 receiver features "full failsafe" operation, so the Rx
output remains in a high state if the inputs are open or
shorted together. The RS-485 transmitter supports up to
three data rates, two of which are slew rate limited for
problem free communications. The charge pump disables in
RS-485 mode, thereby saving power, minimizing noise, and
eliminating the charge pump capacitors.
Both RS-232/RS-485 modes feature loopback and shutdown
functions. The loopback mode internally connects the Tx
outputs to the corresponding Rx input, which facilitates the
implementation of board level self test functions. The outputs
remain connected to the loads during loopback, where
connection problems (e.g., shorted connectors or cables)
can be detected. The shutdown mode disables the Tx and
Rx outputs, disables the charge pump if in RS-232 mode,
and places the IC in a low current (30µA) mode.
The ISL3331 is a QFN packaged device that offers
additional functionality, including a lower speed and edge
rate option (115kbps) for EMI sensitive designs, or to allow
longer bus lengths. It also features a logic supply voltage pin
(VL) that sets the VOH level of logic outputs, and the
switching points of logic inputs, to be compatible with
another supply voltage in mixed voltage systems. The QFN's
choice of active high or low Rx enable pins increases design
flexibility, allowing Tx/Rx direction control via a single signal
by connecting DEN and RXEN together.
For a dual port version of these devices, please see the
ISL3332/ISL3333 data sheet.

Features
• User Selectable RS-232 or RS-485/RS-422 Interface Port
(Two RS-232 Transceivers or One RS-485/RS-422
Transceiver)
• Operates From a Single 3.3V Supply
• ±15kV (HBM) ESD Protected Bus Pins (RS-232 or
RS-485)
• 5V Tolerant Logic Inputs
• True Flow-Through Pinouts Simplify Board Layouts
• Pb-Free (RoHS Compliant)
• Full Failsafe (Open/Short) Rx in RS-485/RS-422 Mode
• Loopback Mode Facilitates Board Self Test Functions
• User Selectable RS-485 Data Rates . . . . . . . . . . 20Mbps
- Slew Rate Limited. . . . . . . . . . . . . . . . . . . . . . . 460kbps
- Slew Rate Limited (ISL3331 Only) . . . . . . . . . . 115kbps
• Fast RS-232 Data Rate . . . . . . . . . . . . . . . Up to 400kbps
• Low Current Shutdown Mode. . . . . . . . . . . . . . . . . . 30µA
• QFN Package Saves Board Space (ISL3331 Only)
• Logic Supply Pin (VL) Eases Operation in Mixed Supply
Systems (ISL3331 Only)

Applications
• Gaming Applications (e.g., Slot machines)
• Single Board Computers
• Factory Automation
• Security Networks
• Industrial/Process Control Networks
• Level Translators (e.g., RS-232 to RS-422)
• Point of Sale Equipment




Similar Part No. - ISL3330

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3330 INTERSIL-ISL3330 Datasheet
950Kb / 25P
3.3V, 짹15kV ESD Protected, Dual Protocol RS-232/RS-485 Transceivers
ISL3330 INTERSIL-ISL3330 Datasheet
210Kb / 4P
World?셲 Most Power-Effi cient
ISL3330 INTERSIL-ISL3330 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL3330 RENESAS-ISL3330 Datasheet
1Mb / 25P
3.3V, 짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL3330IAZ INTERSIL-ISL3330IAZ Datasheet
950Kb / 25P
3.3V, 짹15kV ESD Protected, Dual Protocol RS-232/RS-485 Transceivers
More results


Similar Description - ISL3330

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387 Datasheet
1Mb / 27P
짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
December 20, 2005
ISL81387 INTERSIL-ISL81387_07 Datasheet
998Kb / 27P
짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
ISL3330 INTERSIL-ISL3330 Datasheet
950Kb / 25P
3.3V, 짹15kV ESD Protected, Dual Protocol RS-232/RS-485 Transceivers
ISL3332IAZ INTERSIL-ISL3332IAZ Datasheet
948Kb / 26P
3.3V, ±15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
May 27, 2008
ISL81334IAZ INTERSIL-ISL81334IAZ Datasheet
1,008Kb / 28P
±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
November 21, 2007
ISL81387IAZ INTERSIL-ISL81387IAZ Datasheet
1Mb / 27P
±15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
June 9, 2014
logo
Renesas Technology Corp
ISL3330 RENESAS-ISL3330 Datasheet
1Mb / 25P
3.3V, 짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
ISL3332 RENESAS-ISL3332 Datasheet
1Mb / 26P
3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL33334E RENESAS-ISL33334E Datasheet
1Mb / 23P
3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL81387 RENESAS-ISL81387 Datasheet
1Mb / 27P
짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com