Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL81387 Datasheet (PDF) - Intersil Corporation

ISL81387 Datasheet PDF - Intersil Corporation
Part # ISL81387
Download  ISL81387 Download
File Size   1053.66 Kbytes
Page   27 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description ±15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers

ISL81387 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL81387 Datasheet PDF - Intersil Corporation

Part # ISL81387
Download  ISL81387 Click to download

File Size   1053.66 Kbytes
Page   27 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description ±15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers

ISL81387 Datasheet (HTML) - Intersil Corporation


ISL81387 Product details

These devices are BiCMOS interface ICs that are user
configured as either a single RS-422, RS-485 differential
transceiver, or as a dual (2 Tx, 2 Rx) RS-232 transceiver.
In RS-232 mode, the on-board charge pump generates RS-232
compliant ±5V Tx output levels, from a supply as low as 4.5V.
Four small 0.1µF capacitors are required for the charge pump.
The transceivers are RS-232 compliant, with the Rx inputs
handling up to 25V, and the Tx outputs handling ±12V.
In RS-485 mode, the transceivers support both the RS-485
and RS-422 differential communication standards. The
RS-485 receiver features "full fail-safe" operation, so the Rx
output remains in a high state if the inputs are open or shorted
together. The RS-485 transmitter supports up to three data
rates, two of which are slew rate limited for problem free
communications. The charge pump disables in RS-485 mode,
thereby saving power, minimizing noise, and eliminating the
charge pump capacitors.
Both RS-232, RS-485 modes feature loopback and shutdown
functions. The loopback mode internally connects the Tx
outputs to the corresponding Rx input, which facilitates the
implementation of board level self test functions. The outputs
remain connected to the loads during loopback, so connection
problems (e.g., shorted connectors or cables) can be detected.
The shutdown mode disables the Tx and Rx outputs, disables
the charge pump if in RS-232 mode, and places the IC in a low
current (35µA) mode.
The ISL41387 is a QFN packaged device that offers additional
functionality, including a lower speed and edge rate option
(115kbps) for EMI sensitive designs, or to allow longer bus
lengths. It also features a logic supply voltage pin (VL) that sets
the VOH level of logic outputs, and the switching points of logic
inputs, to be compatible with another supply voltage in mixed
voltage systems. The QFN's choice of active high or low Rx
enable pins increases design flexibility, allowing Tx/Rx
direction control via a single signal by connecting DEN and
RXEN together.

Features
• 5V powered, user selectable RS-232 or RS-485, RS-422
interface port (two RS-232 transceivers or one RS-485,
RS-422 transceiver)
• ±15kV (HBM) ESD protected bus pins (RS-232 or RS-485)
• True flow-through pinouts simplify board layouts
• Pb-Free (RoHS compliant)
• Large (2.7V) differential VOUT for improved noise immunity
in RS-485, RS-422 networks
• Full fail-safe (open/short) Rx in RS-485, RS-422 mode
• Loopback mode facilitates board self test functions
• User selectable RS-485 data rates . . . . . . . . . . . . . . 20Mbps
- Slew rate limited . . . . . . . . . . . . . . . . . . . . . . . . . . . 460kbps
- Slew rate limited (ISL41387 only) . . . . . . . . . . . . . 115kbps
• Fast RS-232 data rate . . . . . . . . . . . . . . . . . . . . up to 650kbps
• Low current shutdown mode . . . . . . . . . . . . . . . . . . . . . . 35µA
• QFN package saves board space (ISL41387 only)
• Logic supply pin (VL) eases operation in mixed supply
systems (ISL41387 only)

Applications
• Gaming applications (e.g., slot machines)
• Single board computers
• Factory automation
• Security networks
• Industrial/process control networks
• Level translators (e.g., RS-232 to RS-422)
• Point of sale equipment




Similar Part No. - ISL81387

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387 Datasheet
1Mb / 27P
짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
December 20, 2005
ISL81387 INTERSIL-ISL81387 Datasheet
998Kb / 27P
짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
ISL81387 INTERSIL-ISL81387 Datasheet
210Kb / 4P
World?셲 Most Power-Effi cient
ISL81387 INTERSIL-ISL81387 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL81387 RENESAS-ISL81387 Datasheet
1Mb / 27P
짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
More results


Similar Description - ISL81387

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E Datasheet
507Kb / 25P
15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387 Datasheet
1Mb / 27P
짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
December 20, 2005
ISL81387 INTERSIL-ISL81387_07 Datasheet
998Kb / 27P
짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Intersil Corporation
ISL3330IAZ INTERSIL-ISL3330IAZ Datasheet
947Kb / 25P
3.3V, ±15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
May 20, 2008
ISL3332IAZ INTERSIL-ISL3332IAZ Datasheet
948Kb / 26P
3.3V, ±15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
May 27, 2008
ISL81334IAZ INTERSIL-ISL81334IAZ Datasheet
1,008Kb / 28P
±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
November 21, 2007
logo
Renesas Technology Corp
ISL33354E RENESAS-ISL33354E Datasheet
1Mb / 23P
5V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL81387 RENESAS-ISL81387 Datasheet
1Mb / 27P
짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com