Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL81387 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL81387
Description  ±15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL81387 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL81387 Datasheet HTML 1Page - Intersil Corporation ISL81387 Datasheet HTML 2Page - Intersil Corporation ISL81387 Datasheet HTML 3Page - Intersil Corporation ISL81387 Datasheet HTML 4Page - Intersil Corporation ISL81387 Datasheet HTML 5Page - Intersil Corporation ISL81387 Datasheet HTML 6Page - Intersil Corporation ISL81387 Datasheet HTML 7Page - Intersil Corporation ISL81387 Datasheet HTML 8Page - Intersil Corporation ISL81387 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
ISL81387, ISL41387
2
FN6201.4
June 9, 2014
Submit Document Feedback
Pin Configurations
ISL81387
(20 LD SOIC, SSOP)
TOP VIEW
ISL41387
(40 LD QFN)
TOP VIEW
Ordering Information
PART NUMBER
(Notes 1, 2)
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL81387IAZ
81387 IAZ
-40 to +85
20 Ld SSOP
M20.209
ISL81387IBZ
ISL81387IBZ
-40 to +85
20 Ld SOIC
M20.3
ISL41387IRZ
41387 IRZ
-40 to +85
40 Ld QFN
L40.6x6
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-
free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
C1+
C1-
V+
A
B
Y
Z
485/232
DEN
C2+
VCC
RA
RB
DY
ON
V-
C2-
DZ/SLEW
RXEN
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
GND
1
40
2
3
4
5
6
7
8
9
10
30
29
28
27
26
25
24
23
22
21
39
38
37
36
35
34
33
32
31
11
12
13
14
15
16
17
18
19
20
RA
RB
DY
DZ/SLEW
NC
NC
NC
NC
NC
ON
V+
A
B
Y
Z
NC
NC
NC
NC
NC
EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com