Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL81387 Datasheet(PDF) 22 Page - Intersil Corporation

Part # ISL81387
Description  ±15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL81387 Datasheet(HTML) 22 Page - Intersil Corporation

Back Button ISL81387 Datasheet HTML 18Page - Intersil Corporation ISL81387 Datasheet HTML 19Page - Intersil Corporation ISL81387 Datasheet HTML 20Page - Intersil Corporation ISL81387 Datasheet HTML 21Page - Intersil Corporation ISL81387 Datasheet HTML 22Page - Intersil Corporation ISL81387 Datasheet HTML 23Page - Intersil Corporation ISL81387 Datasheet HTML 24Page - Intersil Corporation ISL81387 Datasheet HTML 25Page - Intersil Corporation ISL81387 Datasheet HTML 26Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
ISL81387, ISL41387
22
FN6201.4
June 9, 2014
Submit Document Feedback
FIGURE 33. RS-232, TRANSMITTER OUTPUT VOLTAGE vs LOAD
CAPACITANCE
FIGURE 34. RS-232, TRANSMITTER OUTPUT VOLTAGE vs
TEMPERATURE
FIGURE 35. RS-232, TRANSMITTER SHORT CIRCUIT CURRENT vs
TEMPERATURE
FIGURE 36. RS-232, TRANSMITTER AND RECEIVER WAVEFORMS AT
250kbps
FIGURE 37. RS-232, TRANSMITTER AND RECEIVER WAVEFORMS AT
500kbps
FIGURE 38. RS-232, RECEIVER OUTPUT +DUTY CYCLE vs DATA RATE
Typical Performance Curves V
CC = VL = 5V, TA = +25°C; Unless Otherwise Specified. (Continued)
-7.5
-5.0
-2.5
2.5
7.5
1000
2000
3000
4000
5000
0
LOAD CAPACITANCE (pF)
0
5.0
1 TRANSMITTER AT 250kbps OR 500kbps,
VOUT+
VOUT -
OTHER TRANSMITTER AT 30kbps
500kbps
500kbps
250kbps
250kbps
ALL TOUTS LOADED WITH 3k TO GND
-40
0
50
85
TEMPERATURE (°C)
-25
25
75
-7.5
-5.0
0
5.0
7.5
2.5
-2.5
VOUT+
VOUT -
OUTPUTS STATIC
ALL TOUTS LOADED WITH 3k TO GND
-40
0
50
85
TEMPERATURE (°C)
-25
25
75
-40
-30
-20
-10
0
10
20
30
40
Y or Z = HIGH
Y or Z = LOW
VOUT SHORTED TO GND
2
s/DIV
CL = 3500pF, 1 CHANNEL SWITCHING
Y/A
0
-5
0
5
0
5
5
RA
DY
1
s/DIV.
CL = 1000pF, 1 CHANNEL SWITCHING
Y/A
0
-5
0
5
0
5
5
RA
DY
500
1000
1500
2000
48
50
52
54
56
58
60
DATA RATE (kbps)
FULL TEMP RANGE
SR IN = 15V/µs
SR IN = 100V/µs
50
VIN = ±5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com