Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL81387 Datasheet(PDF) 21 Page - Intersil Corporation

Part # ISL81387
Description  ±15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL81387 Datasheet(HTML) 21 Page - Intersil Corporation

Back Button ISL81387 Datasheet HTML 17Page - Intersil Corporation ISL81387 Datasheet HTML 18Page - Intersil Corporation ISL81387 Datasheet HTML 19Page - Intersil Corporation ISL81387 Datasheet HTML 20Page - Intersil Corporation ISL81387 Datasheet HTML 21Page - Intersil Corporation ISL81387 Datasheet HTML 22Page - Intersil Corporation ISL81387 Datasheet HTML 23Page - Intersil Corporation ISL81387 Datasheet HTML 24Page - Intersil Corporation ISL81387 Datasheet HTML 25Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
ISL81387, ISL41387
21
FN6201.4
June 9, 2014
Submit Document Feedback
FIGURE 27. RS-485, DRIVER AND RECEIVER WAVEFORMS, LOW TO
HIGH (SLOW DATA RATE, QFN ONLY)
FIGURE 28. RS-485, DRIVER AND RECEIVER WAVEFORMS, HIGH TO
LOW (SLOW DATA RATE, QFN ONLY)
FIGURE 29. RS-485, DRIVER AND RECEIVER WAVEFORMS,
LOW TO HIGH (MEDIUM DATA RATE)
FIGURE 30. RS-485, DRIVER AND RECEIVER WAVEFORMS,
HIGH TO LOW (MEDIUM DATA RATE)
FIGURE 31. RS-485, DRIVER AND RECEIVER WAVEFORMS,
LOW TO HIGH (FAST DATA RATE)
FIGURE 32. RS-485, DRIVER AND RECEIVER WAVEFORMS,
HIGH TO LOW (FAST DATA RATE)
Typical Performance Curves V
CC = VL = 5V, TA = +25°C; Unless Otherwise Specified. (Continued)
TIME (400ns/DIV)
DY
0
5
0
5
RDIFF = 60, CL = 100pF
RA
0
1
2
3
4
5
Z
Y
TIME (400ns/DIV)
DY
0
5
0
5
RDIFF = 60, CL = 100pF
RA
0
1
2
3
4
5
Z
Y
TIME (200ns/DIV)
DY
0
5
0
5
RDIFF = 60, CL = 100pF
RA
0
1
2
3
4
5
Z
Y
TIME (200ns/DIV)
DY
0
5
0
5
RDIFF = 60, CL = 100pF
RA
0
1
2
3
4
5
Z
Y
TIME (10ns/DIV)
DY
0
5
0
5
RDIFF = 60, CL = 100pF
RA
0
1
2
3
4
5
Z
Y
TIME (10ns/DIV)
DY
0
5
0
5
RDIFF = 60, CL = 100pF
RA
0
1
2
3
4
5
Z
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com