Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL41334 Datasheet (PDF) - Intersil Corporation

ISL41334 Datasheet PDF - Intersil Corporation
Part # ISL41334
Download  ISL41334 Download
File Size   1008.37 Kbytes
Page   28 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description ±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers

ISL41334 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL41334 Datasheet PDF - Intersil Corporation

Part # ISL41334
Download  ISL41334 Click to download

File Size   1008.37 Kbytes
Page   28 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description ±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers

ISL41334 Datasheet (HTML) - Intersil Corporation


ISL41334 Product details

The ISL81334, ISL41334 are two port interface ICs where
each port can be independently configured as a single
RS-485, RS-422 transceiver, or as a dual (2 Tx, 2 Rx) RS232 transceiver. With both ports set to the same mode, two
RS-485, RS-422 transceivers, or four RS-232 transceivers
are available.
If either port is in RS-232 mode, the onboard charge pump
generates RS-232 compliant ±5V Tx output levels from a
single VCC supply as low as 4.5V. Four small 0.1µF
capacitors are required for the charge pump. The
transceivers are RS-232 compliant, with the Rx inputs
handling up to ±25V, and the Tx outputs handling ±12V.
In RS-485 mode, the transceivers support both the RS-485
and RS-422 differential communication standards. The
receivers feature "full failsafe" operation, so the Rx outputs
remain in a high state if the inputs are open or shorted
together. The transmitters support up to three data rates, two
of which are slew rate limited for problem free
communications. The charge pump disables when both
ports are in RS-485 mode, thereby saving power, minimizing
noise, and eliminating the charge pump capacitors.
Both RS-232 and RS-485 modes feature loopback and
shutdown functions. Loopback internally connects the Tx
outputs to the corresponding Rx input, to facilitate board
level self test implementation. The outputs remain connected
to the loads during loopback, so connection problems (e.g.,
shorted connectors or cables) can be detected. Shutdown
mode disables the Tx and Rx outputs, disables the charge
pumps, and places the IC in a low current (µA) mode.
The ISL41334 is a QFN packaged device that includes two
additional user selectable, lower speed and edge rate
options for EMI sensitive designs, or to allow longer bus
lengths. It also features a logic supply pin (VL) that sets the
VOH level of logic outputs, and the switching points of logic
inputs, to be compatible with another supply voltage in mixed
voltage systems. The QFN also adds active low Rx enable
pins to increase design flexibility, allowing Tx/Rx direction
control, via a single signal per port, by connecting the
corresponding DE and RXEN pins together.

Features
• ±15kV (HBM) ESD Protected Bus Pins (RS-232 or
RS-485)
• Two Independent Ports, Each User Selectable for RS-232
(2 Transceivers) or RS-485, RS-422 (1 Transceiver)
• Single 5V (10% Tolerance) Supply
• Flow-Through Pinouts Simplify Board Layouts
• Pb-Free (RoHS Compliant)
• Large (2.7V) Differential VOUT for Improved Noise
Immunity in RS-485, RS-422 Networks
• Full Failsafe (Open/Short) Rx in RS-485, RS-422 Mode
• Loopback Mode Facilitates Board Self Test Functions
• User Selectable RS-485 Data Rates (ISL41334 Only)
- Fast Speed . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20Mbps
- Slew Rate Limited. . . . . . . . . . . . . . . . . . . . . . . 460kbps
- Slew Rate Limited. . . . . . . . . . . . . . . . . . . . . . . 115kbps
• Fast RS-232 Data Rate . . . . . . . . . . . . . . . Up to 650kbps
• Low Current Shutdown Mode. . . . . . . . . . . . . . . . . . .42µA
• QFN Package Saves Board Space (ISL41334 Only)
• Logic Supply Pin (VL) Eases Operation in Mixed Supply
Systems (ISL41334 Only)

Applications
• Gaming Applications (e.g., Slot Machines)
• Single Board Computers
• Factory Automation
• Security Networks
• Industrial/Process Control Networks
• Level Translators (e.g., RS-232 to RS-422)
• Point of Sale Equipment
• Dual Channel RS-485 Interfaces




Similar Part No. - ISL41334

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL41334 INTERSIL-ISL41334 Datasheet
1Mb / 28P
짹15kV ESD Protected, Two Port, Dual Protocol Transceivers
December 20, 2005
ISL41334 INTERSIL-ISL41334 Datasheet
1,006Kb / 28P
짹15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL41334 INTERSIL-ISL41334 Datasheet
210Kb / 4P
World?셲 Most Power-Effi cient
ISL41334 INTERSIL-ISL41334 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL41334 RENESAS-ISL41334 Datasheet
1Mb / 32P
짹15kV ESD Protected, Two Port, Dual Protocol Transceivers
More results


Similar Description - ISL41334

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387 Datasheet
1Mb / 27P
짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
December 20, 2005
ISL81387 INTERSIL-ISL81387_07 Datasheet
998Kb / 27P
짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
ISL81334 INTERSIL-ISL81334_07 Datasheet
1,006Kb / 28P
짹15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL3330IAZ INTERSIL-ISL3330IAZ Datasheet
947Kb / 25P
3.3V, ±15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
May 20, 2008
ISL3332IAZ INTERSIL-ISL3332IAZ Datasheet
948Kb / 26P
3.3V, ±15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
May 27, 2008
ISL81387IAZ INTERSIL-ISL81387IAZ Datasheet
1Mb / 27P
±15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
June 9, 2014
logo
Renesas Technology Corp
ISL3332 RENESAS-ISL3332 Datasheet
1Mb / 26P
3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL33334E RENESAS-ISL33334E Datasheet
1Mb / 23P
3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL33354E RENESAS-ISL33354E Datasheet
1Mb / 23P
5V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL81387 RENESAS-ISL81387 Datasheet
1Mb / 27P
짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com