Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY89429A Datasheet (PDF) - Micrel Semiconductor

SY89429A Datasheet PDF - Micrel Semiconductor
Part # SY89429A
Download  SY89429A Download
File Size   140.07 Kbytes
Page   9 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description PROGRAMMABLE FREQUENCY SYNTHESIZER 25MHz to 400MHz

SY89429A Datasheet (PDF)

Go To PDF Page Download Datasheet
SY89429A Datasheet PDF - Micrel Semiconductor

Part # SY89429A
Download  SY89429A Click to download

File Size   140.07 Kbytes
Page   9 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description PROGRAMMABLE FREQUENCY SYNTHESIZER 25MHz to 400MHz

SY89429A Datasheet (HTML) - Micrel Semiconductor


SY89429A Product details

DESCRIPTION
The SY89429A is a general purpose, synthesized clock source targeting applications that require both serial and parallel interfaces. Its internal VCO will operate over a range of frequencies from 400MHz to 800MHz. The differential PECL output can be confgured to be the VCO frequency divided by 2, 4, 8 or 16. With the output confgured to divide the VCO frequency by 2, and with a 16MHz external quartz crystal used to provide the reference frequency, the output frequency can be specifed in 1MHz steps.

FEATURES
■ Improved jitter performance over SY89429
■ 25MHz to 400MHz differential PECL outputs
■ ±25ps peak-to-peak output jitter
■ Minimal frequency over-shoot
■ Synthesized architecture
■ Serial 3 wire interface
■ Parallel interface for power-on
■ Internal quartz reference oscillator driven by quartz
   crystal or PECL source
■ PECL output can operate with either +3.3V or +5V
   VCC_OUT power supply
■ External loop flter optimizes performance/cost
■ Applications note (AN-06) for ease of design-ins
■ Available in PLCC and SOIC 28-pin packages

APPLICATIONS
■ Workstations
■ Advanced communications
■ High end consumer
■ High-performance computing
■ RISC CPU clock
■ Graphics pixel clock
■ Test equipment
■ Other high-performance processor-based applications




Similar Part No. - SY89429A

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89429AJC MICREL-SY89429AJC Datasheet
540Kb / 9P
PROGRAMMABLE FREQUENCY SYNTHESIZER (25MHz to 400MHz)
SY89429AJCTR MICREL-SY89429AJCTR Datasheet
540Kb / 9P
PROGRAMMABLE FREQUENCY SYNTHESIZER (25MHz to 400MHz)
SY89429AJZ MICREL-SY89429AJZ Datasheet
540Kb / 9P
PROGRAMMABLE FREQUENCY SYNTHESIZER (25MHz to 400MHz)
SY89429AJZTR MICREL-SY89429AJZTR Datasheet
540Kb / 9P
PROGRAMMABLE FREQUENCY SYNTHESIZER (25MHz to 400MHz)
SY89429AZC MICREL-SY89429AZC Datasheet
540Kb / 9P
PROGRAMMABLE FREQUENCY SYNTHESIZER (25MHz to 400MHz)
More results


Similar Description - SY89429A

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89429V MICREL-SY89429V Datasheet
138Kb / 9P
5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER 25MHz to 400MHz
SY89430V MICREL-SY89430V Datasheet
139Kb / 9P
5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER (50MHz to 950MHz)
SY89429V MICREL-SY89429V_06 Datasheet
609Kb / 10P
5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER (25MHz to 400MHz)
SY89430V MICREL-SY89430V_06 Datasheet
544Kb / 11P
5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER (50MHz to 950MHz)
logo
Integrated Device Techn...
ICS844801I-24 IDT-ICS844801I-24 Datasheet
195Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-LVDS 400MHZ FREQUENCY SYNTHESIZER
logo
Micrel Semiconductor
SY89429A MICREL-SY89429A_09 Datasheet
540Kb / 9P
PROGRAMMABLE FREQUENCY SYNTHESIZER (25MHz to 400MHz)
SM802123 MICREL-SM802123 Datasheet
422Kb / 12P
ClockWorks??125MHz/25MHz Ultra-Low Jitter, LVCMOS Frequency Synthesizer
logo
Integrated Silicon Solu...
IS43DR16640A-3DBL ISSI-IS43DR16640A-3DBL Datasheet
855Kb / 28P
Clock frequency up to 400MHz
IS43DR16320 ISSI-IS43DR16320 Datasheet
867Kb / 29P
Clock frequency up to 400MHz
logo
Renesas Technology Corp
ICS843801I-24 RENESAS-ICS843801I-24 Datasheet
849Kb / 18P
FemtoClock® Crystal-to-3.3V, 2.5V LVPECL 400MHz Frequency Synthesizer
2001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com