Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY89430V Datasheet (PDF) - Micrel Semiconductor

SY89430V Datasheet PDF - Micrel Semiconductor
Part # SY89430V
Download  SY89430V Download
File Size   139.52 Kbytes
Page   9 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER (50MHz to 950MHz)

SY89430V Datasheet (PDF)

Go To PDF Page Download Datasheet
SY89430V Datasheet PDF - Micrel Semiconductor

Part # SY89430V
Download  SY89430V Click to download

File Size   139.52 Kbytes
Page   9 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER (50MHz to 950MHz)

SY89430V Datasheet (HTML) - Micrel Semiconductor


SY89430V Product details

DESCRIPTION
The SY89430V is a general purpose, synthesized clock source targeting applications that require both serial and parallel interfaces. Its internal VCO will operate over a range of frequencies from 400MHz to 950MHz. The differential PECL output can be configured to be the VCO frequency divided by 1, 2, 4 or 8. With the output configured to divide the VCO frequency by 2, and with a 16MHz external quartz crystal used to provide the reference frequency, the output frequency can be specified in 1MHz steps.

FEATURES
■ 5V and 3.3V power supply options
■ 50MHz to 950MHz differential PECL outputs
■ ±25ps peak-to-peak output jitter
■ Minimal frequency over-shoot
■ Synthesized architecture
■ Serial 3 wire interface
■ Parallel interface for power-on
■ Internal quartz reference oscillator driven by quartz crystal
■ Applications note (AN-07) for ease of design-ins
■ Available in 28-pin PLCC and SOIC packages

APPLICATIONS
■ Workstations
■ Advanced communications
■ High end consumer
■ High-performance computing
■ RISC CPU clock
■ Graphics pixel clock
■ Test equipment
■ Other high-performance processor-based applications




Similar Part No. - SY89430V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89430V MICREL-SY89430V Datasheet
544Kb / 11P
5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER (50MHz to 950MHz)
SY89430VJC MICREL-SY89430VJC Datasheet
544Kb / 11P
5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER (50MHz to 950MHz)
SY89430VJCTR MICREL-SY89430VJCTR Datasheet
544Kb / 11P
5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER (50MHz to 950MHz)
SY89430VJZ MICREL-SY89430VJZ Datasheet
544Kb / 11P
5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER (50MHz to 950MHz)
SY89430VJZTR MICREL-SY89430VJZTR Datasheet
544Kb / 11P
5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER (50MHz to 950MHz)
More results


Similar Description - SY89430V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89424V MICREL-SY89424V Datasheet
75Kb / 5P
5V/3.3V FREQUENCY SYNTHESIZER 60MHz to 1GHz
SY89429A MICREL-SY89429A Datasheet
140Kb / 9P
PROGRAMMABLE FREQUENCY SYNTHESIZER 25MHz to 400MHz
SY89429V MICREL-SY89429V Datasheet
138Kb / 9P
5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER 25MHz to 400MHz
logo
Integrated Circuit Syst...
ICS843004-02 ICST-ICS843004-02 Datasheet
183Kb / 12P
CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. A JULY 20, 2005
logo
Micrel Semiconductor
SY89429V MICREL-SY89429V_06 Datasheet
609Kb / 10P
5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER (25MHz to 400MHz)
SY89430V MICREL-SY89430V_06 Datasheet
544Kb / 11P
5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER (50MHz to 950MHz)
SY89429A MICREL-SY89429A_09 Datasheet
540Kb / 9P
PROGRAMMABLE FREQUENCY SYNTHESIZER (25MHz to 400MHz)
logo
Integrated Device Techn...
843S1066D IDT-843S1066D Datasheet
321Kb / 15P
Crystal-to-3.3V LVPECL Frequency Synthesizer
ICS843204I IDT-ICS843204I Datasheet
382Kb / 16P
3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
843S1066D RENESAS-843S1066D Datasheet
514Kb / 16P
Crystal-to-3.3V LVPECL Frequency Synthesizer
November 10, 2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com