Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24C02C Datasheet (PDF) - Microchip Technology

24C02C Datasheet PDF - Microchip Technology
Part # 24C02C
Download  24C02C Download
File Size   162.1 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2K 5.0V I 2 C ??Serial EEPROM

24C02C Datasheet (PDF)

Go To PDF Page Download Datasheet
24C02C Datasheet PDF - Microchip Technology

Part # 24C02C
Download  24C02C Click to download

File Size   162.1 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2K 5.0V I 2 C ??Serial EEPROM

24C02C Datasheet (HTML) - Microchip Technology


24C02C Product details

Description:
The Microchip Technology Inc. 24C02C is a 2K bit Serial Electrically Erasable PROM with a voltage range of 4.5V to 5.5V. The device is organized as a single block of 256 x 8-bit memory with a 2-wire serial interface. Low-current design permits operation with typical standby and active currents of only 10 μA and 1 mA, respectively. The device has a page write capability for up to 16 bytes of data and has fast write cycle times of only 1 ms for both byte and page writes. Functional address lines allow the connection of up to eight 24C02C devices on the same bus for up to 16K bits of contiguous EEPROM memory. The device is available in the standard 8-pin PDIP, 8-pin SOIC (3.90 mm), 8-pin 2x3 DFN, 8-pin MSOP and TSSOP packages.

Features:
• Single-supply with operation from 4.5 to 5.5V
• Low-power CMOS technology:
   - Read current 1 mA, typical
   - Standby current 10 μA, typical
• 2-wire serial interface, I2C compatible
• Cascadable up to eight devices
• Schmitt Trigger inputs for noise suppression
• Output slope control to eliminate ground bounce
• 100 kHz and 400 kHz clock compatibility
• Fast Page or Byte write time 1 ms, typical
• Self-timed erase/write cycle
• 16-byte page write buffer
• Hardware write-protect for upper half of the array (80h-FFh)
• ESD protection >4,000V
• More than 1 million erase/write cycles
• Data retention >200 years
• Factory programming available
• Packages include 8-lead PDIP, SOIC, TSSOP, DFN and MSOP
• Pb-free and RoHS compliant
• Temperature ranges:
   - Industrial (I): -40°C to +85°C
   - Automotive (E): -40°C to +125°C




Similar Part No. - 24C02C

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24C02C MICROCHIP-24C02C Datasheet
394Kb / 24P
2K 5.0V I2C??Serial EEPROM
2007
24C02C MICROCHIP-24C02C Datasheet
523Kb / 30P
2K 5.0V I2C??Serial EEPROM
2008
24C02C-E/MC MICROCHIP-24C02C-E/MC Datasheet
523Kb / 30P
2K 5.0V I2C??Serial EEPROM
2008
24C02C-E/MNY MICROCHIP-24C02C-E/MNY Datasheet
523Kb / 30P
2K 5.0V I2C??Serial EEPROM
2008
24C02C-E/MS MICROCHIP-24C02C-E/MS Datasheet
523Kb / 30P
2K 5.0V I2C??Serial EEPROM
2008
More results


Similar Description - 24C02C

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24C01B MICROCHIP-24C01B Datasheet
162Kb / 12P
1K/2K 5.0V I 2 C ??Serial EEPROM
1997
24C01C MICROCHIP-24C01C Datasheet
326Kb / 12P
1K 5.0V I 2 C ??Serial EEPROM
1997
24C04A MICROCHIP-24C04A Datasheet
107Kb / 12P
4K 5.0V I 2 C ??Serial EEPROM
1998-1999
24C32A MICROCHIP-24C32A Datasheet
79Kb / 12P
32K 5.0V I 2 C O Serial EEPROM
1996
24C65 MICROCHIP-24C65 Datasheet
120Kb / 24P
64K 5.0V I 2 C Smart Serial EEPROM
01/02/08
24LC024 MICROCHIP-24LC024 Datasheet
163Kb / 12P
2K 2.5V I 2 C ??Serial EEPROM
1997
24C04A MICROCHIP-24C04A_04 Datasheet
122Kb / 14P
4K 5.0V I 2 C ??Serial EEPROM
2004
24C02C MICROCHIP-24C02C_08 Datasheet
523Kb / 30P
2K 5.0V I2C??Serial EEPROM
2008
24C02C-ISN MICROCHIP-24C02C-ISN Datasheet
523Kb / 30P
2K 5.0V I2C??Serial EEPROM
2008
24C02CT MICROCHIP-24C02CT Datasheet
624Kb / 28P
2K 5.0V I2C Serial EEPROM
01/02/08
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com