Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24C32A Datasheet (PDF) - Microchip Technology

24C32A Datasheet PDF - Microchip Technology
Part # 24C32A
Download  24C32A Download
File Size   79.8 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 32K 5.0V I 2 C O Serial EEPROM

24C32A Datasheet (PDF)

Go To PDF Page Download Datasheet
24C32A Datasheet PDF - Microchip Technology

Part # 24C32A
Download  24C32A Click to download

File Size   79.8 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 32K 5.0V I 2 C O Serial EEPROM

24C32A Datasheet (HTML) - Microchip Technology


24C32A Product details

DESCRIPTION

The Microchip Technology Inc. 24C32A is a 4K x 8 (32K bit) Serial Electrically Erasable PROM. It has been developed for advanced, low power applications such as personal communications or data acquisition. The 24C32A also has a page-write capability of up to 32 bytes of data. The 24C32A is capable of both random and sequential reads up to the 32K boundary. Functional address lines allow up to eight 24C32A devices on the same bus, for up to 256K bits address space. Advanced CMOS technology and broad voltage range make this device ideal for low-power/low-voltage, nonvolatile code and data applications. The 24C32A is available in the standard 8-pin plastic DIP and both 150 mil and 200 mil SOIC packaging.



FEATURES

• Voltage operating range: 4.5V to 5.5V

- Maximum write current 3 mA at 5.5V

- Standby current 1 µA typical at 5.0V

• 2-wire serial interface bus, I2C compatible

• 100 kHz and 400 kHz compatibility

• Self-timed ERASE and WRITE cycles

• Power on/off data protection circuitry

• Hardware write protect

• 1,000,000 Erase/Write cycles guaranteed

• 32-byte page or byte write modes available

• Schmitt trigger filtered inputs for noise suppression

• Output slope control to eliminate ground bounce

• 2 ms typical write cycle time, byte or page

• Up to eight devices may be connected to the same bus for up to 256K bits total memory

• Electrostatic discharge protection > 4000V

• Data retention > 200 years

• 8-pin PDIP and SOIC packages

• Temperature ranges

- Commercial (C): 0°C to 70°C

- Industrial (I): -40°C to +85°C

- Automotive (E): -40°C to +125°C




Similar Part No. - 24C32A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24C32A-/P MICROCHIP-24C32A-/P Datasheet
124Kb / 12P
32K 5.0V I2CSerial EEPROM
2004
24C32A-/SM MICROCHIP-24C32A-/SM Datasheet
124Kb / 12P
32K 5.0V I2CSerial EEPROM
2004
24C32A-/SN MICROCHIP-24C32A-/SN Datasheet
124Kb / 12P
32K 5.0V I2CSerial EEPROM
2004
24C32A-E/P MICROCHIP-24C32A-E/P Datasheet
124Kb / 12P
32K 5.0V I2CSerial EEPROM
2004
24C32A-E/SM MICROCHIP-24C32A-E/SM Datasheet
124Kb / 12P
32K 5.0V I2CSerial EEPROM
2004
More results


Similar Description - 24C32A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA32 MICROCHIP-24AA32 Datasheet
98Kb / 12P
32K 1.8V I 2 C O Smart Serial EEPROM
1996
24AA32A MICROCHIP-24AA32A Datasheet
79Kb / 12P
32K 1.8V I 2 C O Serial EEPROM
2010
24C01B MICROCHIP-24C01B Datasheet
162Kb / 12P
1K/2K 5.0V I 2 C ??Serial EEPROM
1997
24C01C MICROCHIP-24C01C Datasheet
326Kb / 12P
1K 5.0V I 2 C ??Serial EEPROM
1997
24C02C MICROCHIP-24C02C Datasheet
162Kb / 12P
2K 5.0V I 2 C ??Serial EEPROM
1997
24C04A MICROCHIP-24C04A Datasheet
107Kb / 12P
4K 5.0V I 2 C ??Serial EEPROM
1998-1999
24C65 MICROCHIP-24C65 Datasheet
120Kb / 24P
64K 5.0V I 2 C Smart Serial EEPROM
01/02/08
24FC32 MICROCHIP-24FC32 Datasheet
99Kb / 12P
32K 5.0V 1 MHz I 2 C Smart Serial EEPROM
1996
24C04A MICROCHIP-24C04A_04 Datasheet
122Kb / 14P
4K 5.0V I 2 C ??Serial EEPROM
2004
24FC32 MICROCHIP-24FC32_04 Datasheet
144Kb / 16P
32K 5.0V 1 MHz I 2 C Smart Serial EEPROM
2004
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com