Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24AA32 Datasheet (PDF) - Microchip Technology

24AA32 Datasheet PDF - Microchip Technology
Part # 24AA32
Download  24AA32 Download
File Size   98.76 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 32K 1.8V I 2 C O Smart Serial EEPROM

24AA32 Datasheet (PDF)

Go To PDF Page Download Datasheet
24AA32 Datasheet PDF - Microchip Technology

Part # 24AA32
Download  24AA32 Click to download

File Size   98.76 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 32K 1.8V I 2 C O Smart Serial EEPROM

24AA32 Datasheet (HTML) - Microchip Technology


24AA32 Product details

DESCRIPTION

The Microchip Technology Inc. 24AA32 is a 4K x 8 (32K bit) Serial Electrically Erasable PROM capable of operation across a broad voltage range (1.8V to 6.0V). This device has been developed for advanced, low power applications such as personal communications or data acquisition. The 24AA32 features an input cache for fast write loads with a capacity of eight 8-byte pages, or 64 bytes. It also features a fixed 4K bit block of ultra-high endurance memory for data that changes frequently. The 24AA32 is capable of both random and sequential reads up to the 32K boundary. Functional address lines allow up to eight 24AA32 devices on the same bus, for up to 256K bits address space.



FEATURES

• Voltage operating range: 1.8V to 6.0V

   - Peak write current 3 mA at 6.0V

   - Maximum read current 150 µA at 6.0V

   - Standby current 1 µA typical

• Industry standard two-wire bus protocol, I2C compatible

   - Including 100 kHz (1.8V) and 400 kHz (5V) modes

• Self-timed ERASE and WRITE cycles

• Power on/off data protection circuitry

• Endurance:

   - 10,000,000 Erase/Write (E/W) cycles guaranteed for High Endurance Block

   - 1,000,000 E/W cycles guaranteed for Standard Endurance Block

• 8 byte page, or byte modes available

• 1 page x 8 line input cache (64 bytes) for fast write loads

• Schmitt trigger, filtered inputs for noise suppression

• Output slope control to eliminate ground bounce

• 2 ms typical write cycle time, byte or page

• Factory programming (QTP) available

• Up to 8 devices may be connected to the same bus for up to 256K bits total memory

• Electrostatic discharge protection > 4000V

• Data retention > 200 years

• 8-pin PDIP/SOIC packages

• Temperature ranges

   - Commercial (C): 0°C to +70°C



 




Similar Part No. - 24AA32

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA32 MICROCHIP-24AA32 Datasheet
137Kb / 14P
32K 1.8V I2C??Smart Serial??EEPROM
2004
24AA32-/P MICROCHIP-24AA32-/P Datasheet
137Kb / 14P
32K 1.8V I2C??Smart Serial??EEPROM
2004
24AA32-/SM MICROCHIP-24AA32-/SM Datasheet
137Kb / 14P
32K 1.8V I2C??Smart Serial??EEPROM
2004
24AA32A MICROCHIP-24AA32A Datasheet
79Kb / 12P
32K 1.8V I 2 C O Serial EEPROM
2010
24AA32A MICROCHIP-24AA32A Datasheet
364Kb / 26P
32KIC Serial EEPROM
2003
More results


Similar Description - 24AA32

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA16 MICROCHIP-24AA16 Datasheet
76Kb / 12P
16K 1.8V I 2 C O Serial EEPROM
1996
24AA32A MICROCHIP-24AA32A Datasheet
79Kb / 12P
32K 1.8V I 2 C O Serial EEPROM
2010
24AA65 MICROCHIP-24AA65 Datasheet
105Kb / 12P
64K 1.8V I 2 C O Smart Serial O EEPROM
1996
24C32A MICROCHIP-24C32A Datasheet
79Kb / 12P
32K 5.0V I 2 C O Serial EEPROM
1996
24C65 MICROCHIP-24C65 Datasheet
120Kb / 24P
64K 5.0V I 2 C Smart Serial EEPROM
01/02/08
24FC32 MICROCHIP-24FC32 Datasheet
99Kb / 12P
32K 5.0V 1 MHz I 2 C Smart Serial EEPROM
1996
24LC65 MICROCHIP-24LC65 Datasheet
106Kb / 12P
64K 2.5V I 2 C Smart Serial EEPROM
2003
24AA65 MICROCHIP-24AA65_03 Datasheet
284Kb / 24P
64K 1.8V I2C Smart Serial O EEPROM
2003
24AA32 MICROCHIP-24AA32_04 Datasheet
137Kb / 14P
32K 1.8V I2C??Smart Serial??EEPROM
2004
24FC32 MICROCHIP-24FC32_04 Datasheet
144Kb / 16P
32K 5.0V 1 MHz I 2 C Smart Serial EEPROM
2004
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com